Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMBE2000 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # AMBE2000
Description  VOCODER CHIP
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AMBE2000 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button AMBE2000 Datasheet HTML 12Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 13Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 14Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 15Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 16Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 17Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 18Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 19Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
AMBE-2000™ Vocoder Chip
User’s Manual Version 3.0
page 16
Visit us at www.dvsinc.com
Confidential Proprietary, Subject to Change
3.5
Package Description
100 pin TQFP (Thin Quad Flat Pack)
All Dimensions are in millimeters
Figure 3-E Package Dimensions
76
100
75
51
26
50
1
25
14.20 / 13.80 SQ
16.20 / 15.80 SQ
12.00 TYP
Not Drawn to Scale
12
o
All Around
0.5 mm
0.17 / 0.27
1.40/1.60 mm
Detail
1.35 /1.45
1.60 MAX
0.25
0.05
0.13NOM
0.45 / 0.75
0 - 7 MAX
Gage Plane



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com