Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMBE2000 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # AMBE2000
Description  VOCODER CHIP
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AMBE2000 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button AMBE2000 Datasheet HTML 39Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 40Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 41Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 42Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 43Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 44Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 45Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 46Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 47Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 45 / 47 page
background image
AMBE-2000™ Vocoder Chip
User’s Manual Version 3.0
page 45
Visit us at www.dvsinc.com
Confidential Proprietary, Subject to Change
8 Appendices
8.1
Example A/D-D/A Usage
The following examples of A/D-D/A chips have been included to show connections necessary for interfacing to a number of
popular chips.
8.1.1
AD73311
5 V
3.3 V
SERIAL PORT ENABLE (HIGH)
16.384 MHz
U1
AMBE-2000
27
33
37
29
31
41
CODEC_RX_CLCK
CODEC_TX_CLCK
CODEC_TX_STRB
CODEC_RX_STRB
CODEC_RX_DATA
CODEC_TX_DATA
U2
AD73311AR
14
17
18
16
19
20
15
3
9
12
SCLCK
SDOFS
SDIFS
SDO
SDI
SE
MCLK
AVDD1
AVDD2
DVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com