Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMBE2000 Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # AMBE2000
Description  VOCODER CHIP
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AMBE2000 Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button AMBE2000 Datasheet HTML 39Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 40Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 41Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 42Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 43Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 44Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 45Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 46Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 47Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 43 / 47 page
background image
AMBE-2000™ Vocoder Chip
User’s Manual Version 3.0
page 43
Visit us at www.dvsinc.com
Confidential Proprietary, Subject to Change
Word #
Value
Description
0
0x13ec
Header
1
0x07xx
Slip Control Packet ID, xx=CWD1 (See table 5-B) Typical value xx=00
2
0x1355
Slip Control indicator for AMBE-2000
3
0x009f
Slip Control data
4
0x0000
Must be 0x0000
5
0x0000
Must be 0x0000
6
0x0000
Must be 0x0000
7
0x0000
Must be 0x0000
8
0x0000
Must be 0x0000
9
0x0000
Must be 0x0000
10
0x0000
Must be 0x0000
11
0x0000
Must be 0x0000
12-23
Channel Data for AMBE® voice decoder
Table 7D: Slip Control Packet
Method 1 - Internal Slip Control
This is the simplest method of slip control and is the default method provided slip control is enabled (SLIP_EN is high) on the
chip. In this method the vocoder chip’s internal slip adjustment of 160 to 161 sample per frame is used. In order to work
properly, the system designer must set-up the sample rate and packet timing so that the following constraint is met:
160 < Average-Frame-Interval * (1 +/- Frame-Drift) * Sample-Rate * (1 +/- Sample-Drift) < 161
For example using an Average-Frame-Interval = 20 ms, and assuming 100 parts per million oscillator accuracy (i.e Frame-Drift
= Sample-Drift = .0001), then the above constraint requires:
8002 Hz < Sample-Rate < 8048 Hz.
In practice Sample-Rate=8002 Hz would be preferred since it is closer to the nominal value of 8000 Hz.
In another example the Sample-Rate = 8000 Hz. as provided by a PCM source. Again assuming 100 parts per million
oscillator accuracy for both clocks (i.e. Frame-Drift = Sample-Drift = .0001), then the above constraint requires:
20.0041 ms. < Average-Frame–Interval < 20.1209 ms.
This can be achieved by slightly decreasing the channel bit rate or adding an extra bit into the channel bit stream every several
voice frames.
Method 2 - Extended Slip Control with Periodic Slip Control Packets
The AMBE-2000 can provide extended slip compensation through the insertion of Slip Control Packets. One method of using
this capability is for the system to periodically insert these Slip Control Packets into the data stream sent to the AMBE-2000.
Note that for this method slip control must be enabled (SLIP_EN is high) on the chip. This approach gives the designer a way
to accommodate clock drift while providing very flexible frame-interval and sample-rate timing. Furthermore minimal system
overhead is required. In this method a Slip Control Packet is generated by the system by setting the Control Words as shown in
Table 7D above, where the Channel Data is the compressed voice data being sent to the AMBE decoder. In the Periodic Slip
Control method such a Slip Control Packet is input into the vocoder chip every N frames. The value of N must be selected by
the design engineer to meet the following constraint:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com