Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMBE2000 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # AMBE2000
Description  VOCODER CHIP
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AMBE2000 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button AMBE2000 Datasheet HTML 35Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 36Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 37Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 38Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 39Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 40Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 41Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 42Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
AMBE-2000™ Vocoder Chip
User’s Manual Version 3.0
page 39
Visit us at www.dvsinc.com
Confidential Proprietary, Subject to Change
Table 7-B Rate Selection Using Rate Info 0-4, AMBE-2000™ only
RATE_SEL4
Pin
RATE_SEL3
Pin
RATE_SEL2
Pin
RATE_SEL1
Pin
RATE_SEL0
Pin
Speech Rate
(bps)
FEC Rate
(bps)
Total Rate
(bps)
1
1
1
1
1
2000
0
2000
1
0
0
0
0
3600
0
3600
1
0
0
0
1
4000
0
1
0
1
1
0
2400
1600
4000
1
0
0
1
0
4800
0
1
1
0
0
0
4000
800
1
0
1
1
1
3600
1200
1
1
0
0
1
2400
2400
4800
1
0
0
1
1
6400
0
1
1
0
1
0
4000
2400
6400
1
1
0
1
1
4400
2800
7200
1
0
1
0
0
8000
0
1
1
1
0
0
4000
4000
8000
1
0
1
0
1
9600
0
1
1
1
0
1
3600
6000
1
1
1
1
0
2400
7200
9600
7.3
Echo Cancellation
The AMBE-2000™ Vocoder Chip provides a 16 millisecond echo canceller that is suitable for canceling the local echo caused
by a 2-to-4 wire hybrid and can achieve echo cancellation of approximately 30dB or more. Only the linear portion of the echo
is cancelled, so circuits should be designed to minimize non-linearities.
The AMBE-2000™ Vocoder Chip echo canceller operates by sending a 240 millisecond audible training sequence to the A/D-
D/A immediately following a reset. Best results will be achieved if the analog circuit causing any echo is stable at this time. If
the analog circuit changes substantially following this training , the echo canceller must be re-initialized, by resetting the
AMBE-2000™ Vocoder Chip for optimum performance.
Figure 7-A Typical Echo Path
AMBE-2000
Decoder
8kHz Speech Data
Encoder
8kHz Speech Data
A/D-D/A
4 to 2 wire
Converter
Echo Path A
Echo Path B
The Echo Return Loss (ERL) of the analog circuit must be 6dB or more (in diagram ERL = Echo Path A – Echo Path B) for
proper echo canceller operation. Linear A/D-D/A chips will generally provide better echo cancellation performance than
µlaw
or Alaw chips due to lower quantization noise.
The echo canceller can be activated either through the hardware pin 78, ECHOCAN_EN, or through the Control Word
interface described in section 5.2.9. See section 7.1 for important note about the ECHOCAN_EN pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com