Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMBE2000 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # AMBE2000
Description  VOCODER CHIP
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AMBE2000 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button AMBE2000 Datasheet HTML 10Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 11Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 12Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 13Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 14Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 15Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 16Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 17Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 47 page
background image
AMBE-2000™ Vocoder Chip
User’s Manual Version 3.0
page 14
Visit us at www.dvsinc.com
Confidential Proprietary, Subject to Change
Figure 3-B Hardware Reset Timing Diagram
Table 3-B Reset Timing Parameters
Reference
Parameter
Min
Max
Units
th(RS)
Hold time, RS after CLKOUT low
0
ns
tw(RSL)
Pulse duration, RS low
50
µs
tsu(RS)
Setup time, RS before X2/CLKIN low
5
ns
tsu(INT)
Setup time, INTn, NMI, RS before CLKOUT low
10
ns
•
CLKOUT is shown for reference only. It should not be connected in the circuit.
3.4
Crystal / Oscillator Usage
The AMBE-2000™ Vocoder Chip has an input clock frequency of 16.384 MHz. Two options are outlined below in providing
this signal. The option used is specified by the CLOCK_MODE pin 51.
The following points should be noted when designing any printed circuit board layout:
•
Keep the crystal and external capacitors as close to the CLK_I and CLK_I2
pins as possible to minimize board stray capacitance.
•
Keep X2/CLKIN and X1 away from high frequency digital traces (example
CLKOUT) to avoid coupling.
3.4.1 TTL Clock Source
If CLOCK_MODE pin is low then a TTL/CMOS source is used as the clock input. Connect X2/CLKIN and X1 as follows:
t
w(RSL)
t
su(RS)
t
h(RS)
t
su(INT)
X2/CLKIN
RESETN
CLKOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com