Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMBE2000 Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # AMBE2000
Description  VOCODER CHIP
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AMBE2000 Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button AMBE2000 Datasheet HTML 33Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 34Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 35Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 36Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 37Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 38Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 39Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 40Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 47 page
background image
AMBE-2000™ Vocoder Chip
User’s Manual Version 3.0
page 37
Visit us at www.dvsinc.com
Confidential Proprietary, Subject to Change
Table 6-E Switching Characteristics Over Recommended Operating Conditions
for Serial Port Receive
3.3 Volts
Reference
Parameter
Min
Max
Units
td(SCK)
Delay time, DX valid after CLKX rising
25
ns
tc(SCK)
Cycle time, serial port clock
6H
ns
tf(SCK)
Fall time, serial port clock
6
ns
tr(SCK)
Rise time, serial port clock
6
ns
tw(SCK)
Pulse duration, serial port clock low/ high
3H
ns
tsu(FSR)
Setup time, FSR before CLKR falling edge
6
ns
tsu(DR)
Setup time, DR before CLKR falling edge
6
ns
td(FSX)
Delay time, CLKX rising to FSX
15
ns
th(FSX)
Hold time, FSX after CLKX falling edge
6
ns
th(FSX)H
Hold time, FSX after CLKX rising edge
2H-5
ns
tdis(DX)
Disable time, CLKX rising to DX
20
ns
th(DX)
Hold time, DX valid after CLKX rising
edge
-5
ns
•
Note: H = 7.629 ns; however, do not operate serial clocks any faster than 2.048 MHz. Thus tc(SCK) should be a
minimum of 488.3 nsec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com