Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMBE2000 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # AMBE2000
Description  VOCODER CHIP
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AMBE2000 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button AMBE2000 Datasheet HTML 8Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 9Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 10Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 11Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 12Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 13Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 14Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 15Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
AMBE-2000™ Vocoder Chip
User’s Manual Version 3.0
page 12
Visit us at www.dvsinc.com
Confidential Proprietary, Subject to Change
Pin Number
Pin Descriptive Name
Pin Direction
Notes
41
CODEC_TX_DATA
Output
PCM Data from AMBE-2000 to D/A Conveter
27
CODEC_RX_CLK
Input
A/D Serial clock. Should be connected to CODEC_TX_CLK
33
CODEC_TX_CLK
Input
D/A Serial clock Should be connected to CODEC_RX_CLK
51
CLOCK_MODE
Input
If high enables crystal oscillator option for clock source. If low then external oscillator
option is selected. See Section 3.4 for details.
8,11,12,23
36,39,44,45
46, 47,48
49,54,57,64
76,87,90
VDD
Power
Supply Voltage
1,9,10,25,26
35,40,50,52
53,56,63,65
88,89
GND
Power
Ground
2,3,4,5,6,7,
13,14,15,16
17,18,19,21
22,24,43,55
58,59,60,61
62,66,91,92
93,94,95,96
97,98,99
100
No Connection
These pins must remain unconnected
Note 1:The AMBE-2000 expects an encoder packet to be read approximately every 20 msec. Following the initial
reset, wait for EPR to go low and read the initial packet (t0). 20 msec later, the next packet (t1) should be ready.
For packet t1 and all following packets use the procedure below:
1) Wait for slightly less than 20 msec.
2) Assert CHAN_TX_STB and read word on CHAN_TX_DATA.
3) If transmitted word not 0x13EC, discard it and repeat step 2.
4) If transmitted word 0x13EC, read 23 more words (rest of packet).
A new packet should be ready every 20 msec after the initial EPR high to low transition.
A packet read should take
place every 20 msec. If there is a delay in the read (i.e. a packet is missed), it is recommended that the device be
reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com