Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMBE2000 Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # AMBE2000
Description  VOCODER CHIP
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AMBE2000 Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button AMBE2000 Datasheet HTML 31Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 32Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 33Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 34Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 35Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 36Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 37Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 38Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 47 page
background image
AMBE-2000™ Vocoder Chip
User’s Manual Version 3.0
page 35
Visit us at www.dvsinc.com
Confidential Proprietary, Subject to Change
6
A/D-D-A Interface
6.1
A/D-D/A Overview
The interface from the analog world of speech and the AMBE-2000™ is typically an A/D-D/A chip. Selection of the A/D-D/A
chip should be made carefully, with a preference given to 16 bit linear devices. Additionally, consideration should be given for
signal to noise ratios and filtering characteristics typically built into many such devices. Generally speaking, the flatter the
frequency response over the voice spectrum (20-4000Hz) the better the overall system will sound.
The AMBE-2000™ Vocoder Chip operates with a speech data sample rate of 8kHz for both the A/D and D/A interfaces. This
8kHz data is input and output using a serial port on the AMBE-2000.
In order to simplify the process of configuring the interface to the A/D-D/A chip, a number of preset configurations can be
chosen through the CODEC_SEL[1-0] pins shown in Table 6-A. These preset configurations control signal directions for the
interface as well as the sequence of programming words for the programmable devices, specifically the AD7331AR.
6.2
Configuring the A/D-D/A Interface using CODEC_SEL[1-0]
In order to simplify the process of configuring the A/D-D/A interface certain preset configurations are available to the user.
Selection of these preset modes is made through the 3 hardware pins CODEC_SEL[1-0]. In Table 6-A, the 2 digit binary value
for CODEC_SEL[1-0] corresponds to the levels present on the hardware pins, with a 0 corresponding to GND, and a 1
corresponding to VCC.
Table 6-A CODEC_SEL[1-0] : A/D-D/A Hardware Configuration Values
A/D-D/A Type
CODEC_SEL[1-0]
pins
85,84
Generic 16 bit Linear
8Khz
00b
Analog Devices 7331
32kHz
01b
Generic µlaw 8kHz
10b
Generic Alaw 8kHz
11b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com