Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56166ROM Datasheet(PDF) 29 Page - Motorola, Inc

Part # DSP56166ROM
Description  16-bit General Purpose Digital Signal Processor
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56166ROM Datasheet(HTML) 29 Page - Motorola, Inc

Back Button DSP56166ROM Datasheet HTML 25Page - Motorola, Inc DSP56166ROM Datasheet HTML 26Page - Motorola, Inc DSP56166ROM Datasheet HTML 27Page - Motorola, Inc DSP56166ROM Datasheet HTML 28Page - Motorola, Inc DSP56166ROM Datasheet HTML 29Page - Motorola, Inc DSP56166ROM Datasheet HTML 30Page - Motorola, Inc DSP56166ROM Datasheet HTML 31Page - Motorola, Inc DSP56166ROM Datasheet HTML 32Page - Motorola, Inc DSP56166ROM Datasheet HTML 33Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 63 page
background image
PRELIMINARY - 6/15/93
19
DSP56166 Technical Data Sheet
MOTOROLA
Wait and Stop 4.
Recovery from WAIT State Using DR Pin— Synchronous Timing
Num
Characteristics
60MHz
Unit
Min
Max
30
DR Asserted to CLK low (Setup
Time for Synchronous Recovery
from Wait State)
8
cyc+8
ns
31
CLK low to DSO (ACK) Valid
(Enter Debug Mode) After Syn-
chronous Recovery from Wait
State
18cyc
—
ns
AC Electrical Characteristics — Wait and Stop Timings (Continued)
CLKO
(output)
DR
(input)
DSO
(output)
31
T0, T2
T1, T3
30
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com