Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56166ROM Datasheet(PDF) 53 Page - Motorola, Inc

Part # DSP56166ROM
Description  16-bit General Purpose Digital Signal Processor
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56166ROM Datasheet(HTML) 53 Page - Motorola, Inc

Back Button DSP56166ROM Datasheet HTML 49Page - Motorola, Inc DSP56166ROM Datasheet HTML 50Page - Motorola, Inc DSP56166ROM Datasheet HTML 51Page - Motorola, Inc DSP56166ROM Datasheet HTML 52Page - Motorola, Inc DSP56166ROM Datasheet HTML 53Page - Motorola, Inc DSP56166ROM Datasheet HTML 54Page - Motorola, Inc DSP56166ROM Datasheet HTML 55Page - Motorola, Inc DSP56166ROM Datasheet HTML 56Page - Motorola, Inc DSP56166ROM Datasheet HTML 57Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 63 page
background image
PRELIMINARY - 6/15/93
43
DSP56166 Technical Data Sheet
MOTOROLA
Num
Characteristic
60MHz
Case
Unit
Min
Max
150
SCK Clock Cycle (see Note 1)
TBD
—
x ck
ns
151
SCK Clock High Period
TBD
—
x ck
ns
152
SCK Clock Low Period
TBD
—
x ck
ns
153
SCK Clock Rise/Fall Time
—
TBD
x ck
ns
154
SCK Rising Edge to SFS Out
(bl) High
—
TBD
x ck
ns
155
SCK Rising Edge to SFS Out
(bl) Low
—
TBD
x ck
ns
156
SCK Rising Edge to SFS Out
(wl) High
—
TBD
x ck
ns
157
SCK Rising Edge to SFS Out
(wl) Low
—
TBD
x ck
ns
158
Data In Setup Time Before
SCK Falling Edge
TBD
—
x ck
ns
159
Data In Hold Time After SCK
Falling Edge
TBD
—
x ck
ns
160
SCK Rising Edge to SFS In (bl)
High
—
TBD
x ck
ns
161
SCK Rising Edge to SFS In (bl)
Low
—
TBD
x ck
ns
162
SCK Rising Edge to SFS In
(wl) High
—
TBD
x ck
ns
163
SCK Rising Edge to Data
Out Enable from High
Impedance
—
TBD
x ck
ns
164
SCK Rising Edge to Data
Out Valid
—
TBD
x ck
ns
165
SCK Rising Edge to Data
Out Invalid
—
TBD
x ck
ns
166
SCK Rising Edge to Data
Out High Impedance
—
TBD
x ck
ns
AC Electrical Characteristics — RSSI Timing (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com