Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56166ROM Datasheet(PDF) 24 Page - Motorola, Inc

Part # DSP56166ROM
Description  16-bit General Purpose Digital Signal Processor
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56166ROM Datasheet(HTML) 24 Page - Motorola, Inc

Back Button DSP56166ROM Datasheet HTML 20Page - Motorola, Inc DSP56166ROM Datasheet HTML 21Page - Motorola, Inc DSP56166ROM Datasheet HTML 22Page - Motorola, Inc DSP56166ROM Datasheet HTML 23Page - Motorola, Inc DSP56166ROM Datasheet HTML 24Page - Motorola, Inc DSP56166ROM Datasheet HTML 25Page - Motorola, Inc DSP56166ROM Datasheet HTML 26Page - Motorola, Inc DSP56166ROM Datasheet HTML 27Page - Motorola, Inc DSP56166ROM Datasheet HTML 28Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 63 page
background image
PRELIMINARY - 6/15/93
MOTOROLA
DSP56166 Technical Data Sheet
14
AC Electrical Characteristics
— Reset, Stop, Wait, Mode Select, and Interrupt Timing
(Vdd = 5.0 Vdc +/- 10%, TJ = -40 to +125
°C, CL = 50 pF + 1 TTL Load).
cyc = Clock cycle = 1/2 instruction cycle = 2 T cycles
ws= Number of wait states programmed into external bus access using BCR (WS = 0 - 31
)
Num
Characteristics
60MHz
Unit
Min
Max
10
RESET Assertion to Address,
Data and control signals High
Impedance
—21
ns
11
Minimum Stabilization Dura-
tion(see Note 1 )OMR bit6=0
OMR bit6=1
600KT
60T
—
—
ns
ns
12
Asynchronous RESET Deas-
sertion to First External
Address Output (see note 7)
16T
18T
+15
ns
13
Synchronous Reset Setup
Time from RESET Deassertion
to Rising Edge of CLKO
5
cyc-2
ns
14
Synchronous Reset Delay
Time from CLKO High to the
First External Access (see note
7)
16T
+3
16T
+16
ns
15
Mode Select Setup Time
4.8
—
ns
16
Mode Select Hold Time
0.8
—
ns
17
Edge-Triggered Interrupt
Request Width
3.7
—
ns
18
Delay from IRQA, IRQB, IRQC
Assertion to External Data
Memory Access Out Valid
- Caused by First Interrupt
Instruction Fetch
- Caused by First Interrupt
Instruction Execution
11T+3
19T+3
—
—
ns
ns
19
Delay from IRQA, IRQB, IRQC
Assertion to General Purpose
22T
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com