Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56166ROM Datasheet(PDF) 38 Page - Motorola, Inc

Part # DSP56166ROM
Description  16-bit General Purpose Digital Signal Processor
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56166ROM Datasheet(HTML) 38 Page - Motorola, Inc

Back Button DSP56166ROM Datasheet HTML 34Page - Motorola, Inc DSP56166ROM Datasheet HTML 35Page - Motorola, Inc DSP56166ROM Datasheet HTML 36Page - Motorola, Inc DSP56166ROM Datasheet HTML 37Page - Motorola, Inc DSP56166ROM Datasheet HTML 38Page - Motorola, Inc DSP56166ROM Datasheet HTML 39Page - Motorola, Inc DSP56166ROM Datasheet HTML 40Page - Motorola, Inc DSP56166ROM Datasheet HTML 41Page - Motorola, Inc DSP56166ROM Datasheet HTML 42Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 63 page
background image
PRELIMINARY - 6/15/93
MOTOROLA
DSP56166 Technical Data Sheet
28
NOTES:
1. With no external access from the DSP56166
2. During external read or write access
3. During external read-modify-write access
4. During STOP mode — external bus is released and BG is always low
5. During WAIT mode
7. With external accesses pending by the DSP56166
8. Slave mode, when bus is still busy after bus request has been deasserted
Num
Characteristics
60 MHz
Unit
Min
Max
83
BR Assertion to
(See note 1)
BB Deassertion
(See note 2)
(See note 3)
(See note 4)
(See note 5)
TBD
TBD
TBD
TBD
TBD
ns
ns
ns
ns
ns
84
BR Assertion to
(See note 1)
Addr/Data/Control Three-state
(See note 2)
(See note 3)
(See note 4)
(See note 5)
TBD
TBD
TBD
TBD
TBD
ns
ns
ns
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com