Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56166ROM Datasheet(PDF) 22 Page - Motorola, Inc

Part # DSP56166ROM
Description  16-bit General Purpose Digital Signal Processor
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56166ROM Datasheet(HTML) 22 Page - Motorola, Inc

Back Button DSP56166ROM Datasheet HTML 18Page - Motorola, Inc DSP56166ROM Datasheet HTML 19Page - Motorola, Inc DSP56166ROM Datasheet HTML 20Page - Motorola, Inc DSP56166ROM Datasheet HTML 21Page - Motorola, Inc DSP56166ROM Datasheet HTML 22Page - Motorola, Inc DSP56166ROM Datasheet HTML 23Page - Motorola, Inc DSP56166ROM Datasheet HTML 24Page - Motorola, Inc DSP56166ROM Datasheet HTML 25Page - Motorola, Inc DSP56166ROM Datasheet HTML 26Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 63 page
background image
PRELIMINARY - 6/15/93
MOTOROLA
DSP56166 Technical Data Sheet
12
AC Electrical Characteristics (VSS = 0 Vdc)
The timing waveforms in the AC Electrical Characteristics are tested with a VIL maximum of 0.5 V and a
VIH minimum of 2.4 V for all pins, except EXTAL, RESET, MODA, MODB and MODC. These five pins are
tested using the input levels set forth in the DC Electrical Characteristics. AC timing specifications which
are referenced to a device input signal are measured in production with respect to the 50% point of the re-
spective input signal’s transition. The DSP56166 output levels are measured with the production test ma-
chine VOL and VOH reference levels set at 0.8 V and 2.0 V respectively.
AC Electrical Characteristics — Clock Operation Timing
The system clock to the DSP56166 must be externally supplied to EXTAL.
Notes:
1.
Rise and Fall time may be relaxed to 12 ns maximum if the EXTAL input frequency is less than or
equal to 20MHz. If the EXTAL input frequency is between 20MHz and 40MHz, Rise and Fall time
should be 4 ns maximum. If the EXTAL input frequency is between 40MHz and 60MHz, Rise and
Fall time should meet the specified values in the 40MHz column (3 ns maximum).
2.
The duty cycle may be relaxed to 43-57% if the EXTAL input frequency is less than or equal to
20MHz. If the EXTAL input frequency is between 20MHz and 40MHz, the duty cycle should be such
that Th and Tl meet 12 ns minimum . If the EXTAL input frequency is between 40MHz and 60MHz,
the duty cycle should be such that Th and Tl meet the specified values in the 60MHz column (8 ns
minimum) .
3.
T = Icyc / 4 is used in the electrical characteristics. The exact length of each T is affected by the
duty cycle of the external clock input.
4.
Duty cycles and EXTAL widths are measured at the EXTAL input signal midpoint when AC coupled
and at Vdd/2 when not AC coupled.
Num
Characteristics
Sym
60MHz
Unit
Min
Max
1
Frequency of Operation (EXTAL)
f
0
60
MHz
2
Instruction Cycle Time =2Tc
Icyc
33
∞
ns
3
Wait State =Tc =2T
WS
16.6
∞
ns
4
EXTAL Cycle Period
Tc
16.6
∞
ns
5
EXTAL Rise Time (see Note 1)
—
3
ns
6
EXTAL Fall Time (see Note 1)
—
3
ns
7
EXTAL Width High (see Note 2,
3, 4) 48-52% duty cycle
Th
8
∞
ns
8
EXTAL Width Low (see Note 2,
3, 4) 48%-52% duty cycle
Tl
8
∞
ns
EXTAL
VIHC
Midpoint
7
8
4
2
5
6
Th
Tl
90%
10%
VILC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com