Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56166ROM Datasheet(PDF) 23 Page - Motorola, Inc

Part # DSP56166ROM
Description  16-bit General Purpose Digital Signal Processor
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56166ROM Datasheet(HTML) 23 Page - Motorola, Inc

Back Button DSP56166ROM Datasheet HTML 19Page - Motorola, Inc DSP56166ROM Datasheet HTML 20Page - Motorola, Inc DSP56166ROM Datasheet HTML 21Page - Motorola, Inc DSP56166ROM Datasheet HTML 22Page - Motorola, Inc DSP56166ROM Datasheet HTML 23Page - Motorola, Inc DSP56166ROM Datasheet HTML 24Page - Motorola, Inc DSP56166ROM Datasheet HTML 25Page - Motorola, Inc DSP56166ROM Datasheet HTML 26Page - Motorola, Inc DSP56166ROM Datasheet HTML 27Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 63 page
background image
PRELIMINARY - 6/15/93
13
DSP56166 Technical Data Sheet
MOTOROLA
Clock Figure 1. External Clock Timing
AC Electrical Characteristics — Other Clock and PLL Operation Timing
Clock Figure 2. Clocking Configurations
a. Maximum DSP operating frequency. See Operating Conditions.
b. An AC coupling capacitor is required on EXTAL if the levels are
out of the normal CMOS level range (VILC>20% of Vdd
or VIHC<70% of Vdd).
Characteristics
Min
Max
Unit
PLL Output frequency
10
Max
Fosca
MHz
EXTAL Input Clock Amplitude b
1
Vdd
Vpp
EXTAL
PLL
PLLE=1
PLLE=0
Fosc
ID3-ID0
CLKO
÷ 2
internal phase PH0 at Fosc
CS1-CS0
1000pF
SXFC
VDDS
XFC1
0.01
µF
GNDS
0.1
µF
100K
Ω
÷ 1 to ÷ 16
VCO
LF
PFD
YD7-YD0
÷ 1 to ÷ 256
10nF
Notes:
1. Must be a low leakage capacitor and must be located very close to the SXFC and VDDS pins.
PD3-PD0
÷ 20 to ÷ 215
PS=0
PS=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com