Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56166ROM Datasheet(PDF) 32 Page - Motorola, Inc

Part # DSP56166ROM
Description  16-bit General Purpose Digital Signal Processor
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56166ROM Datasheet(HTML) 32 Page - Motorola, Inc

Back Button DSP56166ROM Datasheet HTML 28Page - Motorola, Inc DSP56166ROM Datasheet HTML 29Page - Motorola, Inc DSP56166ROM Datasheet HTML 30Page - Motorola, Inc DSP56166ROM Datasheet HTML 31Page - Motorola, Inc DSP56166ROM Datasheet HTML 32Page - Motorola, Inc DSP56166ROM Datasheet HTML 33Page - Motorola, Inc DSP56166ROM Datasheet HTML 34Page - Motorola, Inc DSP56166ROM Datasheet HTML 35Page - Motorola, Inc DSP56166ROM Datasheet HTML 36Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 63 page
background image
PRELIMINARY - 6/15/93
MOTOROLA
DSP56166 Technical Data Sheet
22
Num
Characteristic
60MHz
Unit
Min
Max
34
CLK in (EXTAL) High to CLKO High
ns
35
CLKO High to
a. A0-A15 Valid
b. PS/DS, PEREN Assertion, R/W Valid
c. BS Assertion
d. RD Assertion
5.8
8.7
8.7
8.3
ns
ns
ns
ns
36
BS Width Deassertion
14.6
—
ns
37
CLKO High to WR Assertion Low
T+
6.0
ns
38
39
40
CLKO High to BS Deassertion
1.5
ns
41
a.TA Assertion to CLKO High (Setup)
b.TA Deassertion to CLKO High (Setup)
5.9
—
—
ns
ns
42
a. CLKO High to TA Assertion (Hold)
b. CLKO High to TA Deassertion (Hold)
8.3
—
—
ns
ns
43
CLKO High to D0-D15 Out Valid
8.8
ns
44
CLKO High to D0-D15 Out Invalid (Hold)
1.6
—
ns
45
D0-D15 In Valid to CLKO Low (Setup)
2.5
—
ns
46
CLKO Low to D0-D15 In Invalid (Hold)
0.1
—
ns
47
CLKO Low to
a. WR Deassertion
b. RD Deassertion
—
—
4.8
4.0
ns
ns
48
a. WR Hold Time from CLKO Low
b. RD Hold Time from CLKO Low
1.6
0.5
—
—
ns
ns
49
CLKO High to D0-D15 Three-state
TBD
ns
50
CLKO High to D0-D15 Out Active
TBD
ns
51
CLKO High to
a. A0-A15 Invalid
b. PS/DS, PEREN ,R/W Invalid
1.1
2.2
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com