Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56166ROM Datasheet(PDF) 59 Page - Motorola, Inc

Part # DSP56166ROM
Description  16-bit General Purpose Digital Signal Processor
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56166ROM Datasheet(HTML) 59 Page - Motorola, Inc

Back Button DSP56166ROM Datasheet HTML 55Page - Motorola, Inc DSP56166ROM Datasheet HTML 56Page - Motorola, Inc DSP56166ROM Datasheet HTML 57Page - Motorola, Inc DSP56166ROM Datasheet HTML 58Page - Motorola, Inc DSP56166ROM Datasheet HTML 59Page - Motorola, Inc DSP56166ROM Datasheet HTML 60Page - Motorola, Inc DSP56166ROM Datasheet HTML 61Page - Motorola, Inc DSP56166ROM Datasheet HTML 62Page - Motorola, Inc DSP56166ROM Datasheet HTML 63Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 59 / 63 page
background image
PRELIMINARY - 6/15/93
49
DSP56166 Technical Data Sheet
MOTOROLA
AC Electrical Characteristics — General Purpose I/O (GPIO) Timing
(VCC = 5.0 Vdc +/- 10%, TJ = -40 to +125
°C, CL = 50 pF + 1 TTL Load).
GPIO Figure 1. GPIO Timing
Num
Characteristic
60 MHz
Unit
Min
Max
201
CLKO Edge to GPIO Out Valid
(GPIO Out Delay Time)
TBD
TBD
ns
202
CLKO Edge to GPIO Out Not Valid
(GPIO Out Hold Time)
TBD
TBD
ns
203
GPIO In Valid to CLKO Edge
(GPIO In Set-upTime)
TBD
TBD
ns
204
CLKO Edge to GPIO In Not Valid
(GPIO In Hold Time)
TBD
TBD
ns
204
CLKO
(Output)
GPIO
(Output)
GPIO
(Input)
201
202
203
VALID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com