Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56166ROM Datasheet(PDF) 3 Page - Motorola, Inc

Part # DSP56166ROM
Description  16-bit General Purpose Digital Signal Processor
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56166ROM Datasheet(HTML) 3 Page - Motorola, Inc

  DSP56166ROM Datasheet HTML 1Page - Motorola, Inc DSP56166ROM Datasheet HTML 2Page - Motorola, Inc DSP56166ROM Datasheet HTML 3Page - Motorola, Inc DSP56166ROM Datasheet HTML 4Page - Motorola, Inc DSP56166ROM Datasheet HTML 5Page - Motorola, Inc DSP56166ROM Datasheet HTML 6Page - Motorola, Inc DSP56166ROM Datasheet HTML 7Page - Motorola, Inc DSP56166ROM Datasheet HTML 8Page - Motorola, Inc DSP56166ROM Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 63 page
background image
3
DSP56166
MOTOROLA
PRELIMINARY
INTRODUCTION
This data sheet is intended to be used with the DSP56100 Fam-
ily Manual and the DSP56166 User’s Manual. The DSP56100
Family Manual provides a description of the components of the
DSP5616 core processor that are common to all DSP56100 fam-
ily processors and includes a detailed description of the basic
DSP56100 family instruction set. The DSP56166 User’s Manual
provides a description of the memory and peripherals that are
specific to the DSP56166. The DSP56166 Data Sheet provides
electrical specifications and timings that are specific to the
DSP56166.
The DSP56166 pinout is shown in Figure 3. The input and output
signals on the chip are organized into the 13 functional groups
shown in Table 1.
Table 1
Functional Group Pin Allocations
ADDRESS AND DATA BUS (32 PINS
A0-A15
(Address Bus) — three state, active high outputs. A0-
A15 change in t0 and specify the address for external
program and data memory accesses. If there is no external
bus activity, A0-A15 remain at their previous values. A0-
A15 are three-stated during hardware reset, stop mode and
when the DSP is not the bus master.
D0-D15
(Data Bus) — three state, active high, bidirectional
input/outputs. Read data is sampled on the trailing edge of
t2, while write data output is enabled by the leading edge of
t2 and three-stated at the leading edge of t0. If there is no
external bus activity, D0-D15 are three-stated. D0-D15 are
also three-stated during hardware reset.
BUS CONTROL (10 PINS)
PS/DS
(Program /Data Memory Select) — three state active
low output. This output is asserted only when external data
memory is referenced. PS/DS timing is the same for the A0-
Functional Group
Number of Pins
Address and Data Buses
32
Bus Control
10
Interrupt and Mode Control
4
Clock and PLL
3
Host Interface or PIO
15
Timer Interface or PIO
2
RSSI Interfaces or PIO
8
On-chip CODEC
7
On-chip emulation (OnCE)
4
Power (Vdd)
9
Ground (Vss)
16
APower (Vdda)
1
AGround (Vssa)
1
Total
112
A15 address lines. PS/DS is high for program memory
access and is low for data memory access. If the external
bus is not used during an instruction cycle (t0,t1,t2,t3),
PS/DS goes high in t0. PS/DS is in the high impedance
state during hardware reset, stop mode and when the DSP
is not the bus master.
PEREN
(Peripheral Enable) — three state active low output.
This output is asserted only when external peripheral space
of the data memory is referenced (any address between
X:$FF00 and X:$FF7F). PEREN timing is the same as the
A0-A15 address lines; it is asserted and deasserted during
t0. PEREN is high for any program memory access and for
data memory access not in the space X:$FF00 - X:$FF7F.
PEREN is in the high impedance state during hardware
reset, stop mode and when the DSP is not the bus master.
R/W
(Read/Write)- three state, active low output. Timing is
the same as for the address lines, providing an “early write”
signal. R/W (which changes in t0) is high for a read access
and is low for a write access. If the external bus is not used
during an instruction cycle (t0,t1,t2,t3), R/W goes high in t0.
R/W is three-stated during hardware reset, stop mode and
when the DSP is not the bus master.
WR
(Write Enable) — three state, active low output. This
output is asserted during external memory write cycles.
When WR is asserted in t1, the data bus pins D0-D15
become outputs and the DSP puts data on the bus during
the leading edge of t2. When WR is deasserted in t3, the
external data has been latched inside the external device.
When WR is asserted, it qualifies the A0-A15 and PS/DS
pins. WR can be connected directly to the WE pin of a static
RAM. WR is three-stated during hardware reset, stop mode
and when the DSP is not the bus master.
RD
(Read Enable) — three state, active low output. This
output is asserted during external memory read cycles.
When RD is asserted in late t0/early t1, the data bus pins
D0-D15 become inputs and an external device is enabled
onto the data bus. When RD is deasserted in t3, the
external data has been latched inside the DSP. When RD
is asserted, it qualifies the A0-A15 and PS/DS pins. RD can
be connected directly to the OE pin of a static RAM or ROM.
RD is three-stated during hardware reset, stop mode and
when the DSP is not the bus master.
BS
(Bus Strobe) — active low output. Asserted at the start
of a bus cycle (during t0) and deasserted at the end of the
bus cycle (during t2). This pin provides an “early bus start”
signal which can be used as address latch and as an “early
bus end” signal which can be used by an external bus
controller. BS is three-stated during hardware reset, stop
mode and when the DSP is not the bus master.
TA
(Transfer Acknowledge) — active low input. If there is
no external bus activity, the TA input is ignored by the DSP.
When there is external bus cycle activity, TA can be used
to insert wait states in the external bus cycle. TA is sampled
on the leading edge of the clock. Any number of wait states
from 1 to infinity may be inserted by using TA. If TA is
sampled high on the leading edge of the clock beginning
the bus cycle, the bus cycle will end 2T after the TA has
been sampled low on a leading edge of the clock; if the Bus
Control Register (BCR) value does not program more wait



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com