Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56166ROM Datasheet(PDF) 41 Page - Motorola, Inc

Part # DSP56166ROM
Description  16-bit General Purpose Digital Signal Processor
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56166ROM Datasheet(HTML) 41 Page - Motorola, Inc

Back Button DSP56166ROM Datasheet HTML 37Page - Motorola, Inc DSP56166ROM Datasheet HTML 38Page - Motorola, Inc DSP56166ROM Datasheet HTML 39Page - Motorola, Inc DSP56166ROM Datasheet HTML 40Page - Motorola, Inc DSP56166ROM Datasheet HTML 41Page - Motorola, Inc DSP56166ROM Datasheet HTML 42Page - Motorola, Inc DSP56166ROM Datasheet HTML 43Page - Motorola, Inc DSP56166ROM Datasheet HTML 44Page - Motorola, Inc DSP56166ROM Datasheet HTML 45Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 63 page
background image
PRELIMINARY - 6/15/93
31
DSP56166 Technical Data Sheet
MOTOROLA
AC Electrical Characteristics — Bus Arbitration Timing — Master Mode
VCC = 5.0 Vdc +/- 10%, TJ = -40 to +125˚ C, CL = 50 pF + 1 TTL Load.
NOTES:
1. With no external access from the DSP56166
2. During external read or write access
3. During external read-modify-write access
4. During STOP mode — external bus is released and BG is always low
5. During WAIT mode
Num
Characteristic
60MHz
Unit
Min
Max
85
CLKO high to BR Output Valid
7.3
ns
86
BG Input Valid to CLKO Low (Setup)
1.7
—
ns
87
CLKO Low to BG Input Deassertion
(Hold)
TBD
—
ns
88
BB Input Deassertion to CLKO Low
(Setup)
1.5
—
ns
89
CLKO Low to BB Input Deassertion
(Hold)
TBD
—
ns
90
CLKO High to BB Output Assertion
8.0
ns
91
CLKO Low to BG Input Assertion
(See note 1)
(See note 2)
TBD
TBD
—
—
ns
ns
92
BG Deassertion
to BB Deassertion
(See note 1)
(See note 2)
(See note 3)
(See note 4)
(See note 5)
TBD
TBD
TBD
TBD
TBD
ns
ns
ns
ns
ns
93
BG Deassertion to
Addr/Data/Control
(See note 1)
Three-state
(See note 2)
(See note 3)
(See note 4)
(See note 5)
TBD
TBD
TBD
TBD
TBD
ns
ns
ns
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com