Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56166ROM Datasheet(PDF) 45 Page - Motorola, Inc

Part # DSP56166ROM
Description  16-bit General Purpose Digital Signal Processor
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56166ROM Datasheet(HTML) 45 Page - Motorola, Inc

Back Button DSP56166ROM Datasheet HTML 41Page - Motorola, Inc DSP56166ROM Datasheet HTML 42Page - Motorola, Inc DSP56166ROM Datasheet HTML 43Page - Motorola, Inc DSP56166ROM Datasheet HTML 44Page - Motorola, Inc DSP56166ROM Datasheet HTML 45Page - Motorola, Inc DSP56166ROM Datasheet HTML 46Page - Motorola, Inc DSP56166ROM Datasheet HTML 47Page - Motorola, Inc DSP56166ROM Datasheet HTML 48Page - Motorola, Inc DSP56166ROM Datasheet HTML 49Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 63 page
background image
PRELIMINARY - 6/15/93
35
DSP56166 Technical Data Sheet
MOTOROLA
AC Electrical Characteristics — Host I/O Timing
(VCC = 5.0 Vdc +/- 10%, TJ = -40
° to +125° C, CL = 50 pF + 1 TTL Load, see Host Figures 1 through 6)
T = Icyc / 4
cyc=Clock cycle =1/2 instruction cycle= 2 T cycle
tHSDL = Host Synchronization Delay Time
tsuh : Host processor data setup time
Active low lines should be “pulled up” in a manner consistent with the AC and DC specifications
Num
Characteristic
60MHz
Unit
Min
Max
100
Host Synchronous Delay
(see Note 1)
T3T
ns
101
HEN/HACK Assertion Width
a.CVR,ICR, ISR Read
(see Note 2,4)
b.Read
c.Write
2T+
30
16+tsuh
8.0
—
—
—
ns
102
HEN/HACK Deassertion Width
(see Note 2)
27
—
ns
103
Minimum Cycle Time Between
Two HEN Assertion for Consecu-
tive CVR, ICR, ISR reads
4T+
30
—ns
104
Host Data Input Setup Time Before
HEN/HACK Deassertion
3—
ns
105
Host Data Input Hold Time After
HEN/HACK Deassertion
9—
ns
106
HEN/HACK Assertion to Output
Data Active from High Impedance
0—
ns
107
HEN/HACK Assertion to Output
Data Valid
—24
ns
108
HEN/HACK Deassertion to Output
Data High Impedance
—17
ns
109
Output Data Hold Time After HEN/
HACK Deassertion
5—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com