Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56166ROM Datasheet(PDF) 20 Page - Motorola, Inc

Part # DSP56166ROM
Description  16-bit General Purpose Digital Signal Processor
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56166ROM Datasheet(HTML) 20 Page - Motorola, Inc

Back Button DSP56166ROM Datasheet HTML 16Page - Motorola, Inc DSP56166ROM Datasheet HTML 17Page - Motorola, Inc DSP56166ROM Datasheet HTML 18Page - Motorola, Inc DSP56166ROM Datasheet HTML 19Page - Motorola, Inc DSP56166ROM Datasheet HTML 20Page - Motorola, Inc DSP56166ROM Datasheet HTML 21Page - Motorola, Inc DSP56166ROM Datasheet HTML 22Page - Motorola, Inc DSP56166ROM Datasheet HTML 23Page - Motorola, Inc DSP56166ROM Datasheet HTML 24Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 63 page
background image
PRELIMINARY - 6/15/93
MOTOROLA
DSP56166 Technical Data Sheet
10
Other On-Chip Codec Characteristics
(VddA = 5.0 Vdc +/- 10%, TJ = -40 to +125
°C, CL = 50 pF + 1 TTL Load).
The Analog I/O characteristics of this device are shown below.
Characteristic
Min
Typ
Max
Unit
Codec Master Clock
0.1
2.048
3
MHz
Codec Sampling rate
78
16000
46150
Hz
A/D section settling time
—
—
tbd
msec
D/A section settling time
—
—
tbd
msec
A/D section group delay
—
—
0.2
msec
D/A section group delay
—
—
0.2
msec
A/D to D/A Crosstalk
—
—
tbd
dB
D/A to A/D Crosstalk
—
—
tbd
dBm0
Idle noise at the D/A output
—
—
tbd
µVrms
Idle noise at the A/D digital output
—
—
tbd
dBm0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com