Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56166ROM Datasheet(PDF) 37 Page - Motorola, Inc

Part # DSP56166ROM
Description  16-bit General Purpose Digital Signal Processor
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56166ROM Datasheet(HTML) 37 Page - Motorola, Inc

Back Button DSP56166ROM Datasheet HTML 33Page - Motorola, Inc DSP56166ROM Datasheet HTML 34Page - Motorola, Inc DSP56166ROM Datasheet HTML 35Page - Motorola, Inc DSP56166ROM Datasheet HTML 36Page - Motorola, Inc DSP56166ROM Datasheet HTML 37Page - Motorola, Inc DSP56166ROM Datasheet HTML 38Page - Motorola, Inc DSP56166ROM Datasheet HTML 39Page - Motorola, Inc DSP56166ROM Datasheet HTML 40Page - Motorola, Inc DSP56166ROM Datasheet HTML 41Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 63 page
background image
PRELIMINARY - 6/15/93
27
DSP56166 Technical Data Sheet
MOTOROLA
AC Electrical Characteristics — Bus Arbitration Timing — Slave Mode
VCC = 5.0 Vdc +/- 10%, TJ = -40 to +125˚ C, CL = 50 pF + 1 TTL Load.
cyc = Clock cycle = 1/2 instruction cycle = 2 T cycles
WS = Number of Wait States for X or P external memory , Determined by BCR or BCR2 Registers (WS = 0 to 31)
WT = WS*cyc=2T*WS
Wx = Number of Wait States for X external memory, Determined by BCR or BCR2 Registers (WS = 0 to 31)
Wp = Number of Wait States for P external memory, Determined by BCR Register (WS = 0 to 31)
Num
Characteristics
60 MHz
Unit
Min
Max
70
BR Input to CLKO low setup time
2.8
ns
71
Delay from BR Input Assertion
(See note 1)
to BG Output Assertion
(See note 2)
(See note 3)
(See note 4)
(See note 5)
TBD
TBD
TBD
TBD
TBD
ns
ns
ns
ns
ns
72
CLKO high to BG Output Assertion
7.2
ns
73
BG Output Deassertion duration (See note 1)
for two consecutive BR
(See note 2)
(See note 3)
(See note 4)
(See note 5)
(See note 7)
TBD
TBD
TBD
TBD
TBD
TBD
—
—
—
—
—
—
ns
ns
ns
ns
ns
ns
74
CLKO High to Control Bus high impedance
TBD
ns
75
CLKO High to BB Output Deassertion
10.3
ns
76
CLKO High to BB Output (Three-state)
TBD
ns
77
BR Input Deassertion to
(See note 1)
BG Output Deassertion
(See note 5)
(See note 7)
TBD
TBD
TBD
ns
ns
ns
78
CLKO High to BG Deassertion
2.0
ns
79
CLKO High to BB Output Active
TBD
ns
80
CLKO High to BB Output Assertion
8.5
ns
81
CLKO High to Address and Control Bus Active
TBD
ns
82
CLKO High to Address and Control Bus Valid
8.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com