Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56166ROM Datasheet(PDF) 60 Page - Motorola, Inc

Part # DSP56166ROM
Description  16-bit General Purpose Digital Signal Processor
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56166ROM Datasheet(HTML) 60 Page - Motorola, Inc

Back Button DSP56166ROM Datasheet HTML 55Page - Motorola, Inc DSP56166ROM Datasheet HTML 56Page - Motorola, Inc DSP56166ROM Datasheet HTML 57Page - Motorola, Inc DSP56166ROM Datasheet HTML 58Page - Motorola, Inc DSP56166ROM Datasheet HTML 59Page - Motorola, Inc DSP56166ROM Datasheet HTML 60Page - Motorola, Inc DSP56166ROM Datasheet HTML 61Page - Motorola, Inc DSP56166ROM Datasheet HTML 62Page - Motorola, Inc DSP56166ROM Datasheet HTML 63Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 60 / 63 page
background image
MOTOROLA
TECHNICAL DATA
SEMICONDUCTOR
MOTOROLA
The DSP56166ROM is the second member of Motorola’s DSP56100 family of HCMOS, low power, 16-bit general purpose Digital
Signal Processors (DSP). Designed primarily for speech coding and digital communications, the DSP56166ROM has a built-in
Σ∆
codec and phase locked loop (PLL). This MPU-style DSP also contains, memories, peripherals, and provides a cost effective, high
performance solution to many DSP applications. On-Chip Emulation (OnCE
™) circuitry provides convenient and inexpensive debug
facilities normally available only through expensive external hardware. Development costs are reduced and in-field testing is greatly
simplified by using the OnCE. The DSP56166 ROM based part contains a 12K ROM (8K x 16 program ROM and 4K x 16 data ROM).
The Central Processing Unit (CPU) consists of three execution units operating in parallel allowing up to six operations to occur in an
instruction cycle. This parallelism greatly increases the effective processing speed of the DSP56166ROM. The MPU-style program-
ming model and instruction set allow straightforward generation of efficient, compact code. The basic architectures and development
tools of the DSP56100, DSP56000, and DSP96000 families are so similar that learning to design and program one greatly reduces
the time needed to learn the others.
Advance Information
16-bit General Purpose
Digital Signal Processor
DSP56166ROM
Ceramic Quad Flat Pack (CQFP)
Available in a 112 pin, small footprint,
surface mount package.
• Up to 30 Million Instructions per Second (MIPS) at 60
MHz.– 33.3 ns Instruction cycle
• Single-cycle 16 x 16-bit parallel Multiply-Accumulate
• 2 x 40-bit accumulators with extension byte
• Fractional and integer arithmetic with support for
multiprecision arithmetic
• Highly parallel instruction set with unique DSP
addressing modes
• Nested hardware DO loops including infinite loops and
DO zero loop
• Two instruction LMS adaptive filter loop
• Fast auto-return interrupts
• Three external interrupt request pins
• Three 16-bit internal data and three 16-bit internal
address buses
• Individual programmable wait states on the external bus
for program, data, and peripheral memory spaces
• Off-chip memory-mapped peripheral space with
programmable access time and separate peripheral
enable pin
• On-chip memory-mapped peripheral registers
• Low Power Wait and Stop modes
• On-Chip Emulation (OnCE
) for unobtrusive, processor
speed independent debugging
• Operating frequency down to DC
• 5V single power supply
• Low power (HCMOS)
• 4K x 16 on-chip data RAM
• 4K x 16 on-chip data ROM
• 256 x 16 on-chip program RAM
• 8K x 16 on-chip program ROM
• One external 16-bit address bus
• One external 16-bit data bus
• On-chip
Σ∆ voice band codec (A/D-D/A)
– Internal voltage reference (2/5 of positive power
supply)
– No off-chip components required
• 25 general purpose I/O pins
• On-chip, programmable PLL
• Byte-wide Host Interface with DMA support
• Two independent reduced synchronous serial
interfaces
• One 16-bit timer
• 112 pin quad flat pack packaging
• XROM can only be accessed during a single read or the
first read of a dual parallel read instruction (see note on
back.
• No bootstrap ROM
• Reset mode 1 vectors to P:$0100
• PROM area P:$2080 — P:$20FF is reserved and
should not be programmed or accessed by the user
DSP56166ROM Feature List
DSP56166ROM On-chip Resources
Operational Differences Of The ROM Based Part From The RAM Based Part
DSP56100 Family Features
This document contains information on a new product. Specifications and information herein are subject to change without notice.
Order this document
by DSP56166ROM/D
© MOTOROLA INC., 1993
July 14, 1993



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com