Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56166ROM Datasheet(PDF) 25 Page - Motorola, Inc

Part # DSP56166ROM
Description  16-bit General Purpose Digital Signal Processor
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56166ROM Datasheet(HTML) 25 Page - Motorola, Inc

Back Button DSP56166ROM Datasheet HTML 21Page - Motorola, Inc DSP56166ROM Datasheet HTML 22Page - Motorola, Inc DSP56166ROM Datasheet HTML 23Page - Motorola, Inc DSP56166ROM Datasheet HTML 24Page - Motorola, Inc DSP56166ROM Datasheet HTML 25Page - Motorola, Inc DSP56166ROM Datasheet HTML 26Page - Motorola, Inc DSP56166ROM Datasheet HTML 27Page - Motorola, Inc DSP56166ROM Datasheet HTML 28Page - Motorola, Inc DSP56166ROM Datasheet HTML 29Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 63 page
background image
PRELIMINARY - 6/15/93
15
DSP56166 Technical Data Sheet
MOTOROLA
AC Electrical Characteristics
— Reset, Stop, Wait, Mode Select, and Interrupt Timing (Continued)
(Vdd = 5.0 Vdc +/- 10%, TJ = -40 to +125
°C, CL = 50 pF + 1 TTL Load).
Notes:
1. Circuit stabilization delay is required during reset when using an external clock in two cases:
1) after power-on reset, and
2) when recovering from Stop mode.
Num
Characteristics
60MHz
Unit
Min
Max
21
Delay from General-Purpose Out-
put Valid Caused by the Execution
of the First Interrupt Instruction to
IRQA, IRQB, IRQC Deassertion for
Level Sensitive Fast Interrupts — If
2nd Interrupt Instruction is:
Single Cycle
(see note 2)
Two Cycles
—
—
cyc-
26
3cyc-
26
ns
ns
22
Synchronous setup time from
IRQA, IRQB, IRQC assertion to
Synchronous falling edge of CLKO
(see note 5, 6)
01
ns
23
Falling Edge of CLKO to First Inter-
rupt Vector Address Out Valid after
Synchronous recovery from Wait
State (see Note 3, 5)
27T+
3
27T+
16
ns
24
IRQA Width Assertion to Recover
from STOP State(see note 4)
3.6
—
ns
25
Delay from IRQA Assertion to Fetch
of first instruction (exiting STOP)
OMR bit 6 = 0
(see note1,3)
OMR bit 6 = 1
524303T
+3
47T+3
—
—
ns
ns
28
Duration for Level Sensitive IRQA
Assertion to Cause the Fetch of
First IRQA Interrupt Instruction
(exiting STOP)
(see note1,3)
OMR bit 6 = 0
OMR bit 6 = 1
524303T
47T
—
—
ns
ns
29
Delay from Level Sensitive IRQA
Assertion to First Interrupt Vector
Address Out Valid (exiting STOP)
(see note1, 3)
OMR bit 6 = 0
OMR bit 6 = 1
524303T
+3
47T+3
—
—
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com