Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56166ROM Datasheet(PDF) 16 Page - Motorola, Inc

Part # DSP56166ROM
Description  16-bit General Purpose Digital Signal Processor
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56166ROM Datasheet(HTML) 16 Page - Motorola, Inc

Back Button DSP56166ROM Datasheet HTML 12Page - Motorola, Inc DSP56166ROM Datasheet HTML 13Page - Motorola, Inc DSP56166ROM Datasheet HTML 14Page - Motorola, Inc DSP56166ROM Datasheet HTML 15Page - Motorola, Inc DSP56166ROM Datasheet HTML 16Page - Motorola, Inc DSP56166ROM Datasheet HTML 17Page - Motorola, Inc DSP56166ROM Datasheet HTML 18Page - Motorola, Inc DSP56166ROM Datasheet HTML 19Page - Motorola, Inc DSP56166ROM Datasheet HTML 20Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 63 page
background image
PRELIMINARY - 6/15/93
MOTOROLA
DSP56166 Technical Data Sheet
6
Analog I/O Characteristics
(VddA = 5.0 Vdc +/- 10%, TJ = -40 to +125
°C).
The Analog I/O characteristics of this device are shown below.
a. Min. value reached for a codec clock of 3MHz, typ. for 2MHz and max. for 100KHz
b. 0dBm0 corresponds to 3.14dB below the input saturation level
c. AC coupling is necessary in single-ended mode when the load resistor is not tied to Vref
d.
±10%
Characteristic
Min
Typ
Max
Unit
Input Impedance on Mic & Auxa
46
78
1400
k
Ω
Input Capacitance on Mic and Aux
—
—
10
pF
Peak Input Voltage on the Mic/Aux Input for Full
Scale Linearity (0.14dBm0b): - 6dB- MGS1-0=00
0dB- MGS1-0=01
6dB- MGS1-0=10
17dB- MGS1-0=11
—
—
—
—
—
—
—
—
1.414
0.707
354
100
Vp
Vp
mVp
mVp
Internal Input GainVariation;
G=-6dB, 0dB,6dB or 17dB
(
±0.83dB variation due to 10% variation on Vdd):
G-0.83
G
G+0.83
dB
Vref Output Voltage
1.8
2
2.2
V
Vref Output Current
—
—
±1mA
DC offset between Spkout1 and Spkout2
—
—
100
mV
Allowable Differential Load Capacitance on
Spkout1/2(with 1k
Ω in series)
0
—
50
nF
Allowable Single-ended Load Capacitance on
Spkout1/2(with 0.5k
Ω in series)
0c
—
100
nF
Maximum Single-ended Signal Output Level
—
—
1
Vp
Maximum Differential Signal Output Level
—
—
2
Vp
Single-ended Load Resistance
500
—
—
Ω
Differential Load Resistance
1
—
—
k
Ω
R bias
—
10d
—k
Ω
Internal Output Volume Control Variation
VC=-20,-15,-10,-5,0,6,12,18,24,30,35 dB
(
±0.83dB variation due to 10% variation on Vdd)
VC-0.83
VC
VC+0.83
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com