Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56166ROM Datasheet(PDF) 14 Page - Motorola, Inc

Part # DSP56166ROM
Description  16-bit General Purpose Digital Signal Processor
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56166ROM Datasheet(HTML) 14 Page - Motorola, Inc

Back Button DSP56166ROM Datasheet HTML 10Page - Motorola, Inc DSP56166ROM Datasheet HTML 11Page - Motorola, Inc DSP56166ROM Datasheet HTML 12Page - Motorola, Inc DSP56166ROM Datasheet HTML 13Page - Motorola, Inc DSP56166ROM Datasheet HTML 14Page - Motorola, Inc DSP56166ROM Datasheet HTML 15Page - Motorola, Inc DSP56166ROM Datasheet HTML 16Page - Motorola, Inc DSP56166ROM Datasheet HTML 17Page - Motorola, Inc DSP56166ROM Datasheet HTML 18Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 63 page
background image
PRELIMINARY - 6/15/93
MOTOROLA
DSP56166 Technical Data Sheet
4
Layout Practices
Each DSP56166 Vdd pin should be provided with a low-impedance path to + 5 volts. Each DSP56166 Vss
pin should likewise be provided with a low-impedance path to ground. The power supply pins drive six dis-
tinct groups of logic on chip. They are:
Power and Ground Connections
The VDD power supply should be bypassed to ground using at least six 0.01-0.1 uF bypass capacitors lo-
cated either underneath the chip’s socket or as close as possible to the four sides of the package. The ca-
pacitor leads and associated printed circuit traces connecting to chip Vdd and Vss should be kept to less
than 1/2” per capacitor lead. The use of at least a four layer board is recommended, employing two inner
layers as Vdd and Vss planes. All output pins on the DSP56166 have fast rise and fall times. Printed circuit
(PC) trace interconnection length should be minimized in order to minimize undershoot and reflections
caused by these fast output switching times. This recommendation particularly applies to the address and
data buses as well as the PS/DS, BS, RD, WR, R/W, PEREN, IRQA, IRQB, and HEN pins. Maximum PC
trace lengths on the order of 6" are recommended. Capacitance calculations should consider all device
loads as well as parasitic capacitances due to the PC traces. Attention to proper PCB layout and bypassing
becomes especially critical in systems with higher capacitive loads because these loads create higher tran-
sient currents in the Vdd and Vss circuits.
The analog power for the VDDA pin and the analog ground for the VSSA pin should be separated from the
digital VDD and ground planes. The analog power and ground planes should only be tied to the digital power
and ground planes at one point where current enters and exits only at this point.
The analog VDD and ground planes should not have digital signal running over them if possible. The analog
VDD and ground pins should be decoupled as close to the DSP as possible.
Clocks signals should not be run across many signals and should be kept away from analog power and
ground signals as well as any analog signals.
Refer to Analog I/O Figure 1. for more details.
Power and Ground Connections for CQFP and PQFP
Vdd
Vss
Function
33,96
47,104
Internal Logic supply pins
92,103
89,95,101,108
Address bus output buffer supply pins
4,15
1,7,12,18
Data bus output buffer supply pins
36
38
Bus control buffer supply pins
59,76
53,73,79
OnCE, Port B and C output buffer supply pins
23
26
Codec analog supply pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com