Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56166ROM Datasheet(PDF) 13 Page - Motorola, Inc

Part # DSP56166ROM
Description  16-bit General Purpose Digital Signal Processor
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56166ROM Datasheet(HTML) 13 Page - Motorola, Inc

Back Button DSP56166ROM Datasheet HTML 9Page - Motorola, Inc DSP56166ROM Datasheet HTML 10Page - Motorola, Inc DSP56166ROM Datasheet HTML 11Page - Motorola, Inc DSP56166ROM Datasheet HTML 12Page - Motorola, Inc DSP56166ROM Datasheet HTML 13Page - Motorola, Inc DSP56166ROM Datasheet HTML 14Page - Motorola, Inc DSP56166ROM Datasheet HTML 15Page - Motorola, Inc DSP56166ROM Datasheet HTML 16Page - Motorola, Inc DSP56166ROM Datasheet HTML 17Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 63 page
background image
PRELIMINARY - 6/15/93
3
DSP56166 Technical Data Sheet
MOTOROLA
Power Considerations
The average chip junction temperature, TJ, in °C can be obtained from:
TJ = TA + (PD*ΘJA)
(1)
Where:
TA = Ambient Temperature, °C
Θ
JA = Package Thermal Resistance, Junction-to-Ambient, °C/W
PD = PINT + PI/O
PINT = ICC*Vdd, Watts — Chip Internal Power
PI/O = Power Dissipation on Input and Output Pins — User Determined
For most applications PI/O < PINT and can be neglected. An appropriate relationship between PD and TJ (if
PI/O is neglected) is:
PD = K/(TJ + 273° C)
(2)
Solving equations (1) and (2) for K gives:
K = PD*(TA + 273° C) + ΘJA*PD
(3)
Where K is a constant pertaining to the particular part. K can be determined from equation (2) by measuring
PD (at equilibrium) for a known TA. Using this value of K, the values of PD and TJ can be obtained by solving
equations (1) and (2) iteratively for any value of TA. The total thermal resistance of a package (ΘJA) can be
separated into two components,
Θ
JA and CA, representing the barrier to heat flow from the semiconductor
junction to the package (case) surface (
Θ
JC) and from the case to the outside ambient (CA). These terms
are related by the equation:
Θ
JA = ΘJC + CA
(4)
Θ
JC is device related and cannot be influenced by the user. However, CA is user dependent and can be
minimized by such thermal management techniques as heat sinks, ambient air cooling, and thermal con-
vection. Thus, good thermal management on the part of the user can significantly reduce CA so thatΘJA ap-
proximately equals
Θ
JC. Substitution of ΘJC for ΘJA in equation (1) will result in a lower semiconductor junc-
tion temperature. Values for thermal resistance presented in this document, unless estimated, were derived
using the procedure described in Motorola Reliability Report 7843, “Thermal Resistance Measurement
Method for MC68XX Microcomponent Devices”, and are provided for design purposes only. Thermal mea-
surements are complex and dependent on procedure and setup. User—derived values for thermal resis-
tance may differ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com