Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56166ROM Datasheet(PDF) 18 Page - Motorola, Inc

Part # DSP56166ROM
Description  16-bit General Purpose Digital Signal Processor
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56166ROM Datasheet(HTML) 18 Page - Motorola, Inc

Back Button DSP56166ROM Datasheet HTML 14Page - Motorola, Inc DSP56166ROM Datasheet HTML 15Page - Motorola, Inc DSP56166ROM Datasheet HTML 16Page - Motorola, Inc DSP56166ROM Datasheet HTML 17Page - Motorola, Inc DSP56166ROM Datasheet HTML 18Page - Motorola, Inc DSP56166ROM Datasheet HTML 19Page - Motorola, Inc DSP56166ROM Datasheet HTML 20Page - Motorola, Inc DSP56166ROM Datasheet HTML 21Page - Motorola, Inc DSP56166ROM Datasheet HTML 22Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 63 page
background image
PRELIMINARY - 6/15/93
MOTOROLA
DSP56166 Technical Data Sheet
8
Analog I/O Figure 2. shows three possible single-ended output configurations. Configuration (a) is highly
recommended. For configuration (b) and (c), since the load resistor is tied to VssA, an AC coupling capacitor
is required.
Analog I/O Figure 2. Single-ended Output Configurations
≥500Ω
Spkp
Spkm
≥500Ω
47K
Ω
47K
Ω
47K
Ω
Vref
Spkp
Spkm
Spkp
Spkm
≥500Ω
0<C
≤100nF
NC
(a)
(b)
(c)
-
+
VddA
VssA
0<C
≤100nF
0<C
≤100nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com