Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56166ROM Datasheet(PDF) 19 Page - Motorola, Inc

Part # DSP56166ROM
Description  16-bit General Purpose Digital Signal Processor
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56166ROM Datasheet(HTML) 19 Page - Motorola, Inc

Back Button DSP56166ROM Datasheet HTML 15Page - Motorola, Inc DSP56166ROM Datasheet HTML 16Page - Motorola, Inc DSP56166ROM Datasheet HTML 17Page - Motorola, Inc DSP56166ROM Datasheet HTML 18Page - Motorola, Inc DSP56166ROM Datasheet HTML 19Page - Motorola, Inc DSP56166ROM Datasheet HTML 20Page - Motorola, Inc DSP56166ROM Datasheet HTML 21Page - Motorola, Inc DSP56166ROM Datasheet HTML 22Page - Motorola, Inc DSP56166ROM Datasheet HTML 23Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 63 page
background image
PRELIMINARY - 6/15/93
9
DSP56166 Technical Data Sheet
MOTOROLA
A/D and D/A Performances
(VddA = 5.0 Vdc +/- 10%, TJ = -40 to +125
°C).
The A/D and D/A performances of the codec section are given below.
Analog I/O Figure 3. Example: S/N & S/N+T Performance for the A/D section
a. 0dB gain on the A/D and D/A; Codec clock at 2.048MHz with 128 decimation/interpolation ratio
b. 0dBm0 corresponds to -3.14dB below the input saturation level
Characteristic
Level
Min.
Typ.a
Max.
Unit
Analog to Digital Section Signal to Noise
plus Distortion Ratio (S/N+T)
0dBm0b
tbd
65
—
dB
-10dBm0
tbd
60
—
dB
-20dBm0
tbd
50
—
dB
-50dBm0
tbd
20
—
dB
Digital to Analog Section Signal to Noise
plus Distortion Ratio (S/N+T)
0dB
tbd
60
—
dB
-10dB
tbd
55
—
dB
-20dB
tbd
45
—
dB
-50dB
tbd
15
—
dB
S in dB
0
10
20
30
40
50
60
70
80
S/N
S/N+T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com