Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56166ROM Datasheet(PDF) 11 Page - Motorola, Inc

Part # DSP56166ROM
Description  16-bit General Purpose Digital Signal Processor
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56166ROM Datasheet(HTML) 11 Page - Motorola, Inc

Back Button DSP56166ROM Datasheet HTML 7Page - Motorola, Inc DSP56166ROM Datasheet HTML 8Page - Motorola, Inc DSP56166ROM Datasheet HTML 9Page - Motorola, Inc DSP56166ROM Datasheet HTML 10Page - Motorola, Inc DSP56166ROM Datasheet HTML 11Page - Motorola, Inc DSP56166ROM Datasheet HTML 12Page - Motorola, Inc DSP56166ROM Datasheet HTML 13Page - Motorola, Inc DSP56166ROM Datasheet HTML 14Page - Motorola, Inc DSP56166ROM Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 63 page
background image
PRELIMINARY - 6/15/93
1
DSP56166 Technical Data Sheet
MOTOROLA
APPENDIX E
ELECTRICAL CHARACTERISTICS
AND TIMING
The DSP56166 is fabricated in high density HCMOS with TTL compatible inputs and CMOS compatible out-
puts.
The preliminary DC/AC electrical specifications are generated from design simulations.
These specifications may not be fully tested or guaranteed at this early stage of the product
life cycle. Finalized specifications will be published after complete characterization and de-
vice qualifications have been completed.
Rating
Symbol
Value
Unit
Supply Voltage
Vdd
-0.3 to +7.0
V
All Input Voltages
Vin
VSS- 0.5 toVdd + 0.5
V
Current Drain per Pin excluding
Vdd and VSS
I10
mA
Storage Temperature
Tstg
-55 to +150
°C
Maximum Electrical Ratings (VSS = 0 Vdc)
Marking
Speed
Supply Voltage
VDD(V)
Junction Temperature
Tj (°C)
Min
Max
Min
Max
FE60
60 MHz
4.5
5.5
-40
125
Operating Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com