Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56166ROM Datasheet(PDF) 56 Page - Motorola, Inc

Part # DSP56166ROM
Description  16-bit General Purpose Digital Signal Processor
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56166ROM Datasheet(HTML) 56 Page - Motorola, Inc

Back Button DSP56166ROM Datasheet HTML 52Page - Motorola, Inc DSP56166ROM Datasheet HTML 53Page - Motorola, Inc DSP56166ROM Datasheet HTML 54Page - Motorola, Inc DSP56166ROM Datasheet HTML 55Page - Motorola, Inc DSP56166ROM Datasheet HTML 56Page - Motorola, Inc DSP56166ROM Datasheet HTML 57Page - Motorola, Inc DSP56166ROM Datasheet HTML 58Page - Motorola, Inc DSP56166ROM Datasheet HTML 59Page - Motorola, Inc DSP56166ROM Datasheet HTML 60Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 63 page
background image
PRELIMINARY - 6/15/93
MOTOROLA
DSP56166 Technical Data Sheet
46
AC Electrical Characteristics — OnCE Timing
VCC = 5.0 Vdc +/- 10%, TJ = -40
° to +125° C, CL = 50 pF + 1 TTL Load).
NOTES:
1. 45%-55% duty cycle
2. Td=DSCK High (183)
Num
Characteristic
60 MHz
Unit
Min
Max
180
DSCK High to DSO Valid
—
27.6
ns
181
DSI Valid to DSCK Low (Setup)
1
—
ns
182
DSCK Low to DSI Invalid (Hold)
0.9
—
ns
183
DSCK High (See note 1)
2Tc
—
ns
184
DSCK Low (See note 1)
2Tc
—
ns
185
DSCK Cycle Time (See note 1)
4Tc
—
ns
186
CLKO High to OS0-OS1 Valid
14.5
ns
187
CLKO High to OS0-OS1 Invalid
—
—
ns
188
Last DSCK High to OS0-OS1(See note 2)
Last DSCK High to ACK Active (data)(See note 2)
Last DSCK High to ACK Active (command)(See note 2)
10T+Td+14.5
10T+Td+13.5
21T+Td+13.5
—
—
ns
189
DSO (ACK) Asserted to OS0-OS1 Three-state
—
TBD
ns
190
DSO (ACK) Asserted to First DSCK High
3Tc
—
ns
191
DSO (ACK) Width Asserted:
a. when entering debug mode
b. when acknowledging command/data transfer
8T+1.1
9T+1.1
8T+4.1
9T+4.1
ns
ns
192
Last DSCK Low of Read Register to First
DSCK High of Next Command
6Tc
—
ns
193
DSCK High to DSO Invalid (See note 2)
10.9
—
ns
194
DR asserted to DSO (ACK) Asserted
11T+19.5
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com