Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56166ROM Datasheet(PDF) 31 Page - Motorola, Inc

Part # DSP56166ROM
Description  16-bit General Purpose Digital Signal Processor
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56166ROM Datasheet(HTML) 31 Page - Motorola, Inc

Back Button DSP56166ROM Datasheet HTML 27Page - Motorola, Inc DSP56166ROM Datasheet HTML 28Page - Motorola, Inc DSP56166ROM Datasheet HTML 29Page - Motorola, Inc DSP56166ROM Datasheet HTML 30Page - Motorola, Inc DSP56166ROM Datasheet HTML 31Page - Motorola, Inc DSP56166ROM Datasheet HTML 32Page - Motorola, Inc DSP56166ROM Datasheet HTML 33Page - Motorola, Inc DSP56166ROM Datasheet HTML 34Page - Motorola, Inc DSP56166ROM Datasheet HTML 35Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 63 page
background image
PRELIMINARY - 6/15/93
21
DSP56166 Technical Data Sheet
MOTOROLA
AC Electrical Characteristics
Capacitance Derating —External Bus Synchronous Timing
VCC = 5.0 Vdc +/- 10%, TJ = -40 to +125˚ C, CL = 50 pF + 1 TTL Load.
The DSP56166 External Bus Timing Specifications are designed and tested at the maximum capacitive
load of 50 pF, including stray capacitance. Typically, the drive capability of the External Bus pins (A0-A15,
D0-D23, PS/DS, RD, WR, R/W, BS, PEREN) derates linearly at 1 ns per 12 pF of additional capacitance
from 50 pF to 250 pF of loading. Port B and C pins derate linearly at 1 ns per 5 pF of additional capacitance
from 50 pF to 250 pF of loading.
When an internal memory access follows an external memory access, the PS/DS, R/W, RD, WR, BS and
PEREN strobes remain deasserted and A0-A15 do not change from their previous state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com