Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZ Datasheet(PDF) 123 Page - Texas Instruments

Part # MSP432P411VIPZ
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZ Datasheet(HTML) 123 Page - Texas Instruments

Back Button MSP432P411VIPZ Datasheet HTML 119Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 120Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 121Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 122Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 123Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 124Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 125Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 126Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 127Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 212 page
background image
123
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
www.ti.com
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
6.4.1.3
Flash Operation
The flash memory provides multiple read and program modes of operation that the application can deploy.
Up to 128 bits (memory word width) can be programmed (set from 1 to 0) in a single program operation.
Although the CPU data buses are 32 bits wide, the flash can buffer 128-bit write data before initiating flash
programming, thereby making it more seamless and power efficient for software to program large blocks
of data at a time. In addition, the flash memory also supports a burst write mode that takes less time when
compared to programming words individually. See Flash Memory for information on timing parameters.
The flash main and information memory regions offer write/erase protection control at a sector granularity
to enable software to optimize operations like mass erase while protecting certain regions of the flash. In
low-power modes of operation, the flash memory is disabled and put in a power-down state to minimize
leakage.
For details on the flash memory and its various modes of operation and configuration, see the Flash
Controller A (FLCTL_A) chapter in the MSP432P4xx SimpleLink™ Microcontrollers Technical Reference
Manual .
NOTE
Depending on the CPU (MCLK) frequency and the active mode in use, the flash may need to
be accessed with single/multiple wait states. Whenever there is a change required in the
operating frequency, the application must ensure that the flash access wait states are
configured correctly before the frequency change is effected. See the electrical specification
for details on flash wait state requirements.
6.4.2
SRAM
MSP432P4x1x devices support up to 256KB of SRAM, with the rest of the 1-MB SRAM region reserved.
The SRAM is aliased in both Code and SRAM zones. This enables fast, single cycle execution of code
from the SRAM, as the Cortex-M4 processor pipelines instruction fetches to memory zones other than the
Code space. As with the flash memory, the SRAM can be powered down or placed in a low-leakage
retention state in low-power modes of operation.
Figure 6-6 shows the memory map of SRAM on MSP432P4x1x devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com