Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZ Datasheet(PDF) 127 Page - Texas Instruments

Part # MSP432P411VIPZ
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZ Datasheet(HTML) 127 Page - Texas Instruments

Back Button MSP432P411VIPZ Datasheet HTML 123Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 124Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 125Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 126Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 127Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 128Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 129Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 130Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 131Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 212 page
background image
127
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
www.ti.com
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
NOTE
Software must make sure that DMA_INT1, DMA_INT2, and DMA_INT3 are mapped to
different channels, so that the same channel does not result in multiple interrupts at the
NVIC.
6.5.3
DMA Access Privileges
The DMA has access to all of the memories and peripheral configuration interfaces of the device. If the
device is configured for IP protection, DMA access to the flash is restricted to only bank 1 of the flash
main and information memory regions. This restriction prevents the DMA from being used as an
unauthorized access source into bank 0 of the flash, where secure data regions are housed.
6.6
Memory Map Access Details
The bus system on MSP432P4x1x devices incorporates four masters, which can initiate various types of
transactions:
•
ICODE: Cortex-M4 instruction fetch bus. Accesses the Code zone only
•
DCODE: Cortex-M4 data and literal load/store bus. Accesses the Code zone only. Debugger accesses
to Code zone also appear on this bus.
•
SBUS: Cortex-M4 data read and write bus. Accesses to all zones except Code zones and PPB
memory space only. Debugger accesses to this space also appear on this bus.
•
DMA: Access to all zones except the PPB memory space
NOTE
The PPB space is dedicated only to the Cortex-M4 Private Peripheral Bus.
6.6.1
Master and Slave Access Priority Settings
Table 6-38 lists all the available masters (rows) and their access permissions to slaves (columns). If
multiple masters can access one slave, the table lists access priorities if arbitration is required. A lower
number in the table indicates a higher arbitration priority (the priority is always fixed).
(1)
Access from the DCODE to flash memory may be restricted if the device is operating in a secure
mode
(2)
Access from DMA to flash memory is restricted to Bank 1 if the device is operating in a secure mode
with IP protection enabled. In such cases, access to Bank 0 returns an error response
(3)
Although the SRAM is mapped to both Code and System spaces, accesses from DMA to SRAM must
use the System space addressing only.
Table 6-38. Master and Slave Access Priority
FLASH MEMORY
ROM
SRAM
PERIPHERALS
ICODE
3
2
4
NA
DCODE
2 (1)
1
2
NA
SBUS
NA
NA
3
2
DMA
1 (2)
NA
1 (3)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com