Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZ Datasheet(PDF) 126 Page - Texas Instruments

Part # MSP432P411VIPZ
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZ Datasheet(HTML) 126 Page - Texas Instruments

Back Button MSP432P411VIPZ Datasheet HTML 122Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 123Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 124Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 125Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 126Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 127Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 128Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 129Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 130Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 212 page
background image
126
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
NOTE
The entire ROM region returns an error response for write accesses. The lower 2KB of the
ROM always returns an error response for any access.
6.5
DMA
MSP432P4x1x devices implement an 8-channel Arm µDMA. This allows eight simultaneously active
channels for data transfer between memory and peripherals without needing to use the bandwidth of the
CPU (thereby reducing power by idling the CPU when there is no data processing required). In addition,
the DMA remains active in multiple low-power modes of operation, allowing for a very low power state in
which data can be transferred at low rates.
For maximum flexibility, up to eight DMA event sources can map to any of the eight channels. This is
controlled through configuration registers in the DMA. In addition, the DMA can generate up to four
interrupt requests (described in Section 6.5.2). For details regarding configuration of the DMA, see the
DMA chapter in the MSP432P4xx SimpleLink™ Microcontrollers Technical Reference Manual.
6.5.1
DMA Source Mapping
Each channel of the eight available channels has a control register that can select any of the device-level
DMA sources as the final source for that corresponding channel. Table 6-37 lists the sources available for
mapping to each channel, based on the value of the Source Config Register (SRCCFG).
Table 6-37. DMA Sources
CHANNEL
SRCCFG
0
1
2
3
4
5
6
7
0
Reserved
eUSCI_A0 TX
eUSCI_B0 TX0
eUSCI_B3 TX1
eUSCI_B2 TX2
eUSCI_B1 TX3
TA0CCR0
AES256_Trigger0
1
Reserved
eUSCI_A0 RX
eUSCI_B0 RX0
eUSCI_B3 RX1
eUSCI_B2 RX2
eUSCI_B1 RX3
TA0CCR2
AES256_Trigger1
2
Reserved
eUSCI_A1 TX
eUSCI_B1 TX0
eUSCI_B0 TX1
eUSCI_B3 TX2
eUSCI_B2 TX3
TA1CCR0
AES256_Trigger2
3
Reserved
eUSCI_A1 RX
eUSCI_B1 RX0
eUSCI_B0 RX1
eUSCI_B3 RX2
eUSCI_B2 RX3
TA1CCR2
Reserved
4
Reserved
eUSCI_A2 TX
eUSCI_B2 TX0
eUSCI_B1 TX1
eUSCI_B0 TX2
eUSCI_B3 TX3
TA2CCR0
Reserved
5
Reserved
eUSCI_A2 RX
eUSCI_B2 RX0
eUSCI_B1 RX1
eUSCI_B0 RX2
eUSCI_B3 RX3
TA2CCR2
Reserved
6
Reserved
eUSCI_A3 TX
eUSCI_B3 TX0
eUSCI_B2 TX1
eUSCI_B1 TX2
eUSCI_B0 TX3
TA3CCR0
DMAE0
(External Pin)
7
Reserved
eUSCI_A3 RX
eUSCI_B3 RX0
eUSCI_B2 RX1
eUSCI_B1 RX2
eUSCI_B0 RX3
TA3CCR2
Precision ADC
NOTE
Any source marked as Reserved is unused. It may be used for software-controlled DMA
tasks, but typically it is reserved for enhancement purposes on future devices.
6.5.2
DMA Completion Interrupts
In the case of the Arm µDMA controller, it is usually the responsibility of software to maintain a list of
channels that have completed their operation. To provide further flexibility, MSP432P4x1x DMA supports
four DMA completion interrupts, which are mapped in the following way:
•
DMA_INT0: Logical OR of all completion events except those that are already mapped to DMA_INT1,
DMA_INT2, or DMA_INT3.
•
DMA_INT1, DMA_INT2, DMA_INT3: Can be mapped to the DMA completion event of any of the eight
channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com