Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZ Datasheet(PDF) 130 Page - Texas Instruments

Part # MSP432P411VIPZ
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZ Datasheet(HTML) 130 Page - Texas Instruments

Back Button MSP432P411VIPZ Datasheet HTML 126Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 127Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 128Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 129Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 130Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 131Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 132Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 133Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 134Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 212 page
background image
130
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
Table 6-40. NVIC Interrupts (continued)
NVIC INTERRUPT INPUT
SOURCE
FLAGS IN SOURCE
(3)
DMA_INT0 has a different functionality from DMA_INT1, DMA_INT2, or DMA_INT3. See Section 6.5.2 for more details.
INTISR[28]
AES256
AESRDYIFG
INTISR[29]
RTC_C
OFIFG, RDYIFG, TEVIFG, AIFG, RT0PSIFG, RT1PSIFG
INTISR[30]
DMA_ERR
DMA error interrupt
INTISR[31]
DMA_INT3
DMA completion interrupt 3
INTISR[32]
DMA_INT2
DMA completion interrupt 2
INTISR[33]
DMA_INT1
DMA completion interrupt 1
INTISR[34]
DMA_INT0 (3)
DMA completion interrupt 0
INTISR[35]
I/O Port P1
P1IFG.x (x = 0 to 7)
INTISR[36]
I/O Port P2
P2IFG.x (x = 0 to 7)
INTISR[37]
I/O Port P3
P3IFG.x (x = 0 to 7)
INTISR[38]
I/O Port P4
P4IFG.x (x = 0 to 7)
INTISR[39]
I/O Port P5
P5IFG.x (x = 0 to 7)
INTISR[40]
I/O Port P6
P6IFG.x (x = 0 to 7)
INTISR[41]
LCD_F
LCD interrupt flags
INTISR[42]
Reserved
INTISR[43]
Reserved
INTISR[44]
Reserved
INTISR[45]
Reserved
INTISR[46]
Reserved
INTISR[47]
Reserved
INTISR[48]
Reserved
INTISR[49]
Reserved
INTISR[50]
Reserved
INTISR[51]
Reserved
INTISR[52]
Reserved
INTISR[53]
Reserved
INTISR[54]
Reserved
INTISR[55]
Reserved
INTISR[56]
Reserved
INTISR[57]
Reserved
INTISR[58]
Reserved
INTISR[59]
Reserved
INTISR[60]
Reserved
INTISR[61]
Reserved
INTISR[62]
Reserved
INTISR[63]
Reserved
NOTE
The Interrupt Service Routine (ISR) must ensure that the relevant interrupt flag in the source
peripheral is cleared before returning from the ISR. If this is not done, the same interrupt
may be incorrectly triggered again as a new event, even though the event has already been
processed by the ISR. As there may be a few cycles of delay between the execution of the
write command and the actual write reflecting in the interrupt flag register of the peripheral,
TI recommends performing the write and waiting for a few cycles before exiting the ISR.
Alternatively, the application can read the flag to ensure that it is cleared before exiting the
ISR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com