Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZ Datasheet(PDF) 128 Page - Texas Instruments

Part # MSP432P411VIPZ
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZ Datasheet(HTML) 128 Page - Texas Instruments

Back Button MSP432P411VIPZ Datasheet HTML 124Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 125Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 126Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 127Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 128Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 129Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 130Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 131Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 132Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 212 page
background image
128
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
(1)
A reserved memory region returns 0h on reads and instruction fetches. Writes to this region are ignored.
(2)
If the user memory address is part of a secure region, this access returns an error if it is initiated by an unauthorized source. For more
details, see the device security application note.
(3)
Writes to this address are ignored if the sector has write protection enabled.
(4)
Reads from the bit-band region return 00h if the bit is clear and 01h if the bit is set.
(5)
See the Cortex-M4 technical reference manual at www.arm.com for details of the memory map of the internal PPB.
6.6.2
Memory Map Access Response
Table 6-39 summarizes the access responses to the entire memory map of MSP432P4x1x devices.
Table 6-39. Memory Map Access Response
ADDRESS RANGE
DESCRIPTION
READ (1)
WRITE (1)
INSTRUCTION
FETCH (1)
0x0000_0000 to 0x001F_FFFF
Flash Main Memory
OK
OK (2), (3)
OK
0x0020_0000 to 0x0020_7FFF
Flash Information Memory
OK
OK (3)
OK
0x0020_8000 to 0x00FF_FFFF
Reserved
Error
Error
Error
0x0100_0000 to 0x0103_FFFF
SRAM
OK
OK
OK
0x0104_0000 to 0x01FF_FFFF
Reserved
Error
Error
Error
0x0200_0000 to 0x0200_07FF
ROM (Reserved)
Error
Error
Error
0x0200_0800 to 0x0200_7FFF
ROM
OK
Error
OK
0x0200_8000 to 0x1FFF_FFFF
Reserved
Error
Error
Error
0x2000_0000 to 0x2003_FFFF
SRAM
OK
OK
OK
0x2004_0000 to 0x21FF_FFFF
Reserved
Error
Error
Error
0x2200_0000 to 0x23FF_FFFF
SRAM bit-band alias
OK (4)
OK
Error
0x2400_0000 to 0x3FFF_FFFF
Reserved
Error
Error
Error
0x4000_0000 to 0x4001_FFFF
Peripheral
OK
OK
Error
0x4002_0000 to 0x41FF_FFFF
Reserved
Error
Error
Error
0x4200_0000 to 0x43FF_FFFF
Peripheral bit-band alias
OK (4)
OK
Error
0x4400_0000 to 0xDFFF_FFFF
Reserved
Error
Error
Error
0xE000_0000 to 0xE003_FFFF
Internal PPB (5)
OK
OK
Error
0xE004_0000 to 0xE004_0FFF
TPIU (External PPB)
OK
OK
Error
0xE004_1000 to 0xE004_1FFF
Reserved
Reserved
Reserved
Error
0xE004_2000 to 0xE004_23FF
Reset Controller (External
PPB)
OK
OK
Error
0xE004_2400 to 0xE004_2FFF
Reserved
Reserved
Reserved
Error
0xE004_3000 to 0xE004_33FF
SYSCTL_A (External PPB)
OK
OK
Error
0xE004_3400 to 0xE004_3FFF
Reserved
Reserved
Reserved
Error
0xE004_4000 to 0xE004_43FF
SYSCTL_A (External PPB)
OK
OK
Error
0xE004_4400 to 0xE00F_EFFF
Reserved
Reserved
Reserved
Error
0xE00F_F000 to 0xE00F_FFFF
ROM Table (External PPB)
OK
OK
Error
0xE010_0000 to 0xFFFF_FFFF
Reserved
Error
Error
Error
6.7
Interrupts
The Cortex-M4 processor on MSP432P4x1x devices implements an NVIC with 64 external interrupt lines
and 8 levels of priority. From an application perspective, the interrupt sources at the device level are
divided into two classes, the NMI and the User Interrupts. Internally, the CPU exception model handles the
various exceptions (internal and external events including CPU instruction, memory, and bus fault
conditions) in a fixed and configurable order of priority. For details on the handling of various exception
priorities (including CPU reset and fault models), see the Arm-V7M architecture reference manual at
www.arm.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com