Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZ Datasheet(PDF) 132 Page - Texas Instruments

Part # MSP432P411VIPZ
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZ Datasheet(HTML) 132 Page - Texas Instruments

Back Button MSP432P411VIPZ Datasheet HTML 128Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 129Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 130Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 131Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 132Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 133Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 134Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 135Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 136Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 212 page
background image
132
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
6.8.1.3
Hard Reset
The hard reset resets all modules that are set up or modified by the application. This includes all
peripherals and the nondebug logic of the Cortex-M4. MSP432P4x1x devices support up to 16 sources of
hard reset. Table 6-41 lists the reset source allocation. The Reset Controller registers can be used to
identify the source of reset in the device. For further details, see the Reset Controller chapter in the
MSP432P4xx SimpleLink™ Microcontrollers Technical Reference Manual.
(1)
The WDT_A generated resets can be mapped either as a hard reset or a soft reset.
(2)
The flash controller can generate a reset if a voltage anomaly is detected that can corrupt only flash
reads and not the rest of the system.
(3)
Reserved indicates that this source of hard reset is currently unused and left for future expansion.
(4)
The CS cannot initiate a hard reset, but if a hard reset occurs during clock source or frequency
changes, the CS can extend the reset to allow the clocks to settle before releasing the system. This
reduces the chance of nondeterministic behavior.
(5)
The PCM cannot initiate a hard reset, but if a hard reset causes power mode changes, the PCM can
extend the reset to allow the system to settle before releasing the Reset. This reduces the chance of
nondeterministic behavior.
Table 6-41. MSP432P4x1x Hard Reset Sources
RESET SOURCE
NUMBER
SOURCE
0
SYSRESETREQ (system reset output of Cortex-M4)
1
WDT_A time-out (1)
2
WDT_A password violation (1)
3
FLCTL_A (2)
4
Reserved (3)
5
Reserved (3)
6
Reserved (3)
7
Reserved (3)
8
Reserved (3)
9
Reserved (3)
10
Reserved (3)
11
Reserved (3)
12
Reserved (3)
13
Reserved (3)
14
CS (4)
15
PCM (5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com