Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZ Datasheet(PDF) 135 Page - Texas Instruments

Part # MSP432P411VIPZ
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZ Datasheet(HTML) 135 Page - Texas Instruments

Back Button MSP432P411VIPZ Datasheet HTML 131Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 132Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 133Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 134Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 135Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 136Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 137Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 138Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 139Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 212 page
background image
135
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
www.ti.com
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
6.8.3.1
Peripherals in LPM3 and LPM4
Most peripherals in MSP432P4x1x devices can be activated in LPM3 out of low-frequency internal or
external clocks. LPM4 mode is LPM3 with peripherals not clocked from internal clock sources. Some
analog modules can be operational in LPM4, because they do not require a clock to operate (for example,
the comparator). Activating a peripheral in LPM3 or LPM4 increases the current consumption due to its
active supply current contribution but also due to an additional idle current. To limit the idle current adder,
certain peripherals are combined into power islands within the device. To achieve optimal current
consumption, use modules within one group and limit the number of groups with active modules. The
grouping is shown in Table 6-44 . Modules not listed in this table are either already included in the
standard LPM3 current consumption or cannot be used in LPM3 or LPM4. The idle current adder is very
small at room temperature (25°C) but increases at high temperatures (85°C); see the idle current
parameters in the electrical characteristics section for details.
Table 6-44. Peripheral Groups (PG)
PG1
PG2
PG3
Timer_A0
eUSCI_A0
eUSCI_B0
Clock output on pins
Timer_A1, Timer_A2
eUSCI_A1, eUSCI_A2, eUSCI_A3
eUSCI_B1, eUSCI_B2, eUSCI_B3
Timer_A3
Precision ADC
Comp_E0, Comp_E1
REF_A
LCD_F
6.8.4
Clock System (CS)
The CS contains the sources of the various clocks in the device and also controls the mapping between
sources and the clock domains in the device.
6.8.4.1
LFXT
The LFXT supports 32.768-kHz low-frequency crystals.
6.8.4.2
HFXT
The HFXT supports high-frequency crystals up to 48 MHz.
6.8.4.3
DCO
The DCO is a power-efficient tunable internal oscillator that generates up to 48 MHz. It also supports a
high-precision mode when using an external precision resistor.
6.8.4.4
Very Low-Power Low-Frequency Oscillator (VLO)
The VLO is an ultra-low-power internal oscillator that generates a low-accuracy clock at typical frequency
of 9.4 kHz.
6.8.4.5
Low-Frequency Reference Oscillator (REFO)
The REFO can be used as an alternate low-power lower-accuracy source of a 32.768-kHz clock instead of
the LFXT. REFO can also be programmed to generate a 128-kHz clock.
6.8.4.6
Module Oscillator (MODOSC)
The MODOSC is an internal clock source that has a very low latency wake-up time. MODOSC is factory-
calibrated to a frequency of 25 MHz. The MODOSC is typically used to supply a clock on request to
modules like the ADC (when in 1-Msps conversion mode).
6.8.4.7
System Oscillator (SYSOSC)
The SYSOSC is a lower-frequency version of the MODOSC and is factory-calibrated to a frequency of 5
MHz. It drives the ADC sampling clock in the 200-ksps conversion mode. In addition, it is also used for
timing of various system-level control and management operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com