Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZ Datasheet(PDF) 137 Page - Texas Instruments

Part # MSP432P411VIPZ
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZ Datasheet(HTML) 137 Page - Texas Instruments

Back Button MSP432P411VIPZ Datasheet HTML 133Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 134Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 135Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 136Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 137Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 138Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 139Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 140Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 141Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 212 page
background image
137
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
www.ti.com
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
6.8.5
System Controller (SYSCTL_A)
The SYSCTL_A is a set of various miscellaneous features of the device, including device memory
configuration, RSTn/NMI function selection, clock run/stop control, watchdog configuration for selecting
reset classes and device NMI source configuration and status. In addition, the SYSCTL_A enables device
security features like JTAG and SWD lock and IP protection, which can be used to protect unauthorized
accesses either to the entire device memory map or to certain selected regions of the flash.
NOTE
Like with the Cortex-M4 system control registers (in the internal PPB space), the System
Controller module registers are mapped to the Cortex-M4 external PPB. This keeps the
System Controller module accessible even when hard or soft resets are active.
6.9
Peripherals
The following sections describe the peripherals that are available on the MSP432P4x1x devices. For
details on these peripherals, see the MSP432P4xx SimpleLink™ Microcontrollers Technical Reference
Manual.
6.9.1
Digital I/O
Up to 10 8-bit I/O ports are implemented.
•
All individual I/O bits are independently programmable.
•
Any combination of input, output, and interrupt conditions is possible.
•
Programmable pullup or pulldown on all ports
•
Edge-selectable interrupt capability is available on ports P1 to P6.
•
Wake-up capability from LPM3, LPM4, LPM3.5, and LPM4.5 modes on ports P1 to P6.
•
Read/write access to port-control registers is supported by all instructions.
•
Ports can be accessed byte-wise or in pairs (16-bit width).
•
Capacitive Touch functionality is supported on all pins of ports P1 to P10 and PJ.
•
Four 20-mA high-drive I/Os on pins P2.0 to P2.3
•
Glitch filtering capability on selected digital I/Os
6.9.1.1
Glitch Filtering on Digital I/Os
Some of the interrupt and wake-up capable digital I/Os can suppress glitches through the use of analog
glitch filter to prevent unintentional interrupt or wake-up during device operation. The analog filter
suppresses a minimum of 250-ns wide glitches. The glitch filter on these selected digital I/Os is enabled
by default. If the glitch filtering capability is not required in the application, it can be bypassed using the
SYS_DIO_GLTFLT_CTL register. When GLTFLT_EN bit in this register is cleared, the glitch filters on all
the digital I/Os are bypassed. The glitch filter is automatically bypassed on a digital I/O when it is
configured for peripheral or analog functionality by programming the respective PySEL0.x and PySEL1.x
registers.
NOTE
The glitch filter is implemented on the following digital I/Os on MSP432P4x1x devices: P1.0,
P1.4, P1.5, P3.0, P3.4, P3.5, P6.6, and P6.7.
6.9.2
Port Mapping Controller (PMAPCTL)
The port mapping controller allows flexible and reconfigurable mapping of digital functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com