Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZ Datasheet(PDF) 138 Page - Texas Instruments

Part # MSP432P411VIPZ
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZ Datasheet(HTML) 138 Page - Texas Instruments

Back Button MSP432P411VIPZ Datasheet HTML 134Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 135Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 136Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 137Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 138Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 139Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 140Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 141Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 142Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 212 page
background image
138
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
6.9.2.1
Port Mapping Definitions
The port mapping controller on MSP432P4x1x devices allows reconfigurable mapping of digital functions
on ports P2, P3, and P7.
Table 6-46. Port Mapping Mnemonics and Functions
VALUE
PxMAPy MNEMONIC
INPUT PIN FUNCTION
OUTPUT PIN FUNCTION
0
PM_NONE
None
DVSS
1
PM_UCA0CLK
eUSCI_A0 clock input/output (direction controlled by eUSCI)
2
PM_UCA0RXD
eUSCI_A0 UART RXD (direction controlled by eUSCI – input)
PM_UCA0SOMI
eUSCI_A0 SPI slave out master in (direction controlled by eUSCI)
3
PM_UCA0TXD
eUSCI_A0 UART TXD (direction controlled by eUSCI – output)
PM_UCA0SIMO
eUSCI_A0 SPI slave in master out (direction controlled by eUSCI)
4
PM_UCB0CLK
eUSCI_B0 clock input/output (direction controlled by eUSCI)
5
PM_UCB0SDA
eUSCI_B0 I2C data (open drain and direction controlled by eUSCI)
PM_UCB0SIMO
eUSCI_B0 SPI slave in master out (direction controlled by eUSCI)
6
PM_UCB0SCL
eUSCI_B0 I2C clock (open drain and direction controlled by eUSCI)
PM_UCB0SOMI
eUSCI_B0 SPI slave out master in (direction controlled by eUSCI)
7
PM_UCA1STE
eUSCI_A1 SPI slave transmit enable (direction controlled by eUSCI)
8
PM_UCA1CLK
eUSCI_A1 clock input/output (direction controlled by eUSCI)
9
PM_UCA1RXD
eUSCI_A1 UART RXD (direction controlled by eUSCI – input)
PM_UCA1SOMI
eUSCI_A1 SPI slave out master in (direction controlled by eUSCI)
10
PM_UCA1TXD
eUSCI_A1 UART TXD (direction controlled by eUSCI – output)
PM_UCA1SIMO
eUSCI_A1 SPI slave in master out (direction controlled by eUSCI)
11
PM_UCA2STE
eUSCI_A2 SPI slave transmit enable (direction controlled by eUSCI)
12
PM_UCA2CLK
eUSCI_A2 clock input/output (direction controlled by eUSCI)
13
PM_UCA2RXD
eUSCI_A2 UART RXD (direction controlled by eUSCI – input)
PM_UCA2SOMI
eUSCI_A2 SPI slave out master in (direction controlled by eUSCI)
14
PM_UCA2TXD
eUSCI_A2 UART TXD (direction controlled by eUSCI – output)
PM_ UCA2SIMO
eUSCI_A2 SPI slave in master out (direction controlled by eUSCI)
15
PM_UCB2STE
eUSCI_B2 SPI slave transmit enable (direction controlled by eUSCI)
16
PM_UCB2CLK
eUSCI_B2 clock input/output (direction controlled by eUSCI)
17
PM_UCB2SDA
eUSCI_B2 I2C data (open drain and direction controlled by eUSCI)
PM_UCB2SIMO
eUSCI_B2 SPI slave in master out (direction controlled by eUSCI)
18
PM_UCB2SCL
eUSCI_B2 I2C clock (open drain and direction controlled by eUSCI)
PM_UCB2SOMI
eUSCI_B2 SPI slave out master in (direction controlled by eUSCI)
19
PM_TA0CCR0A
TA0 CCR0 capture input CCI0A
TA0 CCR0 compare output Out0
20
PM_TA0CCR1A
TA0 CCR1 capture input CCI1A
TA0 CCR1 compare output Out1
21
PM_TA0CCR2A
TA0 CCR2 capture input CCI2A
TA0 CCR2 compare output Out2
22
PM_TA0CCR3A
TA0 CCR3 capture input CCI3A
TA0 CCR3 compare output Out3
23
PM_TA0CCR4A
TA0 CCR4 capture input CCI4A
TA0 CCR4 compare output Out4
24
PM_TA1CCR1A
TA1 CCR1 capture input CCI1A
TA1 CCR1 compare output Out1
25
PM_TA1CCR2A
TA1 CCR2 capture input CCI2A
TA1 CCR2 compare output Out2
26
PM_TA1CCR3A
TA1 CCR3 capture input CCI3A
TA1 CCR3 compare output Out3
27
PM_TA1CCR4A
TA1 CCR4 capture input CCI4A
TA1 CCR4 compare output Out4
28
PM_TA0CLK
Timer_A0 external clock input
None
PM_C0OUT
None
Comparator-E0 output
29
PM_TA1CLK
Timer_A1 external clock input
None
PM_C1OUT
None
Comparator-E1 output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com