Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZ Datasheet(PDF) 139 Page - Texas Instruments

Part # MSP432P411VIPZ
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZ Datasheet(HTML) 139 Page - Texas Instruments

Back Button MSP432P411VIPZ Datasheet HTML 135Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 136Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 137Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 138Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 139Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 140Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 141Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 142Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 143Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 212 page
background image
139
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
www.ti.com
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
Table 6-46. Port Mapping Mnemonics and Functions (continued)
VALUE
PxMAPy MNEMONIC
INPUT PIN FUNCTION
OUTPUT PIN FUNCTION
(1)
The value of the PM_ANALOG mnemonic is 31. The port mapping registers are 5 bits wide, and the upper bits are ignored, which
results in a read value of 31.
30
PM_DMAE0
DMAE0 input
None
PM_SMCLK
None
SMCLK
31 (0FFh) (1)
PM_ANALOG
Disables the output driver and the input Schmitt trigger to prevent parasitic cross currents
when applying analog signals.
(1)
Not available on the 64-pin RGC package.
Table 6-47. Default Mapping
PIN NAME
PxMAPy MNEMONIC
INPUT PIN FUNCTION
OUTPUT PIN FUNCTION
P2.0/PM_UCA1STE/L11
PM_UCA1STE
eUSCI_A1 SPI slave transmit enable (direction controlled by eUSCI)
P2.1/PM_UCA1CLK/L10
PM_UCA1CLK
eUSCI_A1 clock input/output (direction controlled by eUSCI)
P2.2/PM_UCA1RXD/
PM_UCA1SOMI/L9
PM_UCA1RXD/
PM_UCA1SOMI
eUSCI_A1 UART RXD (direction controlled by eUSCI – input)
eUSCI_A1 SPI slave out master in (direction controlled by eUSCI)
P2.3/PM_UCA1TXD/
PM_UCA1SIMO/L8
PM_UCA1TXD/
PM_UCA1SIMO
eUSCI_A1 UART TXD (direction controlled by eUSCI – output)/
eUSCI_A1 SPI slave in master out (direction controlled by eUSCI)
P2.4/PM_TA0.1/L23 (1)
PM_TA0CCR1A
TA0 CCR1 capture input CCI1A
TA0 CCR1 compare output Out1
P2.5/PM_TA0.2/L22 (1)
PM_TA0CCR2A
TA0 CCR2 capture input CCI2A
TA0 CCR2 compare output Out2
P2.6/PM_TA0.3/L21 (1)
PM_TA0CCR3A
TA0 CCR3 capture input CCI3A
TA0 CCR3 compare output Out3
P2.7/PM_TA0.4/L20 (1)
PM_TA0CCR4A
TA0 CCR4 capture input CCI4A
TA0 CCR4 compare output Out4
P3.0/PM_UCA2STE/L7
PM_UCA2STE
eUSCI_A2 SPI slave transmit enable (direction controlled by eUSCI)
P3.1/PM_UCA2CLK/L6
PM_UCA2CLK
eUSCI_A2 clock input/output (direction controlled by eUSCI)
P3.2/PM_UCA2RXD/
PM_UCA2SOMI/L5
PM_UCA2RXD/
PM_UCA2SOMI
eUSCI_A2 UART RXD (direction controlled by eUSCI – input)/
eUSCI_A2 SPI slave out master in (direction controlled by eUSCI)
P3.3/PM_UCA2TXD/
PM_UCA2SIMO/L4
PM_UCA2TXD/
PM_UCA2SIMO
eUSCI_A2 UART TXD (direction controlled by eUSCI – output)/
eUSCI_A2 SPI slave in master out (direction controlled by eUSCI)
P3.4/PM_UCB2STE/L3
PM_UCB2STE
eUSCI_B2 SPI slave transmit enable (direction controlled by eUSCI)
P3.5/PM_UCB2CLK/L2
PM_UCB2CLK
eUSCI_B2 clock input/output (direction controlled by eUSCI)
P3.6/PM_UCB2SIMO/
PM_UCB2SDA/L1
PM_UCB2SIMO/
PM_UCB2SDA
eUSCI_B2 SPI slave in master out (direction controlled by eUSCI)/
eUSCI_B2 I2C data (open drain and direction controlled by eUSCI)
P3.7/PM_UCB2SOMI/
PM_UCB2SCL/L0
PM_UCB2SOMI/
PM_UCB2SCL
eUSCI_B2 SPI slave out master in (direction controlled by eUSCI)/
eUSCI_B2 I2C clock (open drain and direction controlled by eUSCI)
P7.0/PM_SMCLK/
PM_DMAE0/R03
PM_SMCLK/
PM_DMAE0
DMAE0 input
SMCLK
P7.1/PM_C0OUT/
PM_TA0CLK/R13
PM_C0OUT/
PM_TA0CLK
Timer_A0 external clock input
Comparator-E0 output
P7.2/PM_C1OUT/
PM_TA1CLK/R23
PM_C1OUT/
PM_TA1CLK
Timer_A1 external clock input
Comparator-E1 output
P7.3/PM_TA0.0
PM_TA0CCR0A
TA0 CCR0 capture input CCI0A
TA0 CCR0 compare output Out0
P7.4/PM_TA1.4/C0.5/L31 (1)
PM_TA1CCR4A
TA1 CCR4 capture input CCI4A
TA1 CCR4 compare output Out4
P7.5/PM_TA1.3/C0.4/L30 (1)
PM_TA1CCR3A
TA1 CCR3 capture input CCI3A
TA1 CCR3 compare output Out3
P7.6/PM_TA1.2/C0.3/L29 (1)
PM_TA1CCR2A
TA1 CCR2 capture input CCI2A
TA1 CCR2 compare output Out2
P7.7/PM_TA1.1/C0.2/L28 (1)
PM_TA1CCR1A
TA1 CCR1 capture input CCI1A
TA1 CCR1 compare output Out1
6.9.3
Timer_A
Timers TA0, TA1, TA2, and TA3 are 16-bit timers and counters (Timer_A type) with five capture/compare
registers each. Each timer supports multiple captures and compares, PWM outputs, and interval timing.
Each has extensive interrupt capabilities. Interrupts may be generated from the counter on overflow
conditions and from each capture/compare register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com