Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP432P411VIPZ Datasheet(PDF) 133 Page - Texas Instruments

Part # MSP432P411VIPZ
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZ Datasheet(HTML) 133 Page - Texas Instruments

Back Button MSP432P411VIPZ Datasheet HTML 129Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 130Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 131Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 132Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 133Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 134Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 135Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 136Page - Texas Instruments MSP432P411VIPZ Datasheet HTML 137Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 212 page
background image
133
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
www.ti.com
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
6.8.1.4
Soft Reset
The soft reset resets only the execution component of the system, which is the nondebug logic in the
Cortex-M4 and the WDT_A. This reset remains nonintrusive to all other peripherals and system
components. MSP432P4x1x devices support up to 16 sources of soft reset. Table 6-42 lists the reset
source allocation. The Reset Controller registers can be used to identify the source of reset in the design.
For further details, see the Reset Controller chapter in the MSP432P4xx SimpleLink™ Microcontrollers
Technical Reference Manual.
(1)
The WDT_A generated resets can be mapped either as a hard reset or a soft reset.
(2)
Reserved indicates that this source of soft reset is currently unused and left for future expansion.
Table 6-42. MSP432P4x1x Soft Reset Sources
RESET SOURCE
NUMBER
SOURCE
0
CPU LOCKUP condition (LOCKUP output of Cortex-M4)
1
WDT_A time-out (1)
2
WDT_A password violation (1)
3
Reserved (2)
4
Reserved (2)
5
Reserved (2)
6
Reserved (2)
7
Reserved (2)
8
Reserved (2)
9
Reserved (2)
10
Reserved (2)
11
Reserved (2)
12
Reserved (2)
13
Reserved (2)
14
Reserved (2)
15
Reserved (2)
NOTE
To support and enhance debug of reset conditions, the Reset Controller is located on the
PPB of the device. This allows the Reset Controller to remain accessible even if the device is
stuck in a hard or soft reset state. The Reset Controller permits overrides for hard and soft
resets, thereby allowing an application to regain control of the device and isolate the cause
of the stuck reset.
6.8.2
Power Supply System (PSS)
The PSS controls all the power supply related functionality of the device. The PSS consists of the
components in the following sections.
6.8.2.1
VCCDET
The VCCDET monitors the input voltage applied at the DVCC and AVCC pins of the device. When the
VCC is found to be below the operating range of the VCCDET trip points, it generates a brownout
condition, thereby initiating a device reset (POR class reset).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com