Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C893 Datasheet(PDF) 69 Page - ATMEL Corporation

Part # T48C893
Description  The multiple times programmable (MTP) version for the MARC4 ROM types
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C893 Datasheet(HTML) 69 Page - ATMEL Corporation

Back Button T48C893 Datasheet HTML 65Page - ATMEL Corporation T48C893 Datasheet HTML 66Page - ATMEL Corporation T48C893 Datasheet HTML 67Page - ATMEL Corporation T48C893 Datasheet HTML 68Page - ATMEL Corporation T48C893 Datasheet HTML 69Page - ATMEL Corporation T48C893 Datasheet HTML 70Page - ATMEL Corporation T48C893 Datasheet HTML 71Page - ATMEL Corporation T48C893 Datasheet HTML 72Page - ATMEL Corporation T48C893 Datasheet HTML 73Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 82 page
background image
T48C893
T48C893
Rev. A4, 22-Jan-02
69 (82)
Combination mode 10: Frequency measurement or event counter with time gate
Timer 2 mode 1/2:
12-bit compare counter / 8-bit compare counter and 4-bit prescaler
Timer 2 output mode 1/6: Timer 2 compare match toggles (TOG2) to the Timer 3
Timer 3 mode 3:
Timer / Counter; int. trigger restart & int. capture (with Timer 2 TOG2–signal)
The counter is driven by an external (T3I) clock source. The output signal (TOG2) of Timer 2 resets the counter. The
counter value before reset is saved in the capture register. If single-action mode is activated for one or both compare
registers, the trigger signal restarts also the single actions. This mode can be used for frequency measurements or as
event counter with time gate.
0 0 12345678 9 10
Counter 3
TOG2
T3CP–
Register
13879
T3I
T3R
Capture value = 0
Capture value = 17
Capture
value = 18
11121314151617
123456 789 101112131415161718
0
0123 45
Figure 80. Frequency measurements
00123456789 10
Counter 3
TOG2
T3CP–
Register
13814
11
0 1
2
40 1
T3I
2
3
T3R
Capture value = 0
Capture value = 11
Capture
value = 4
Figure 81. Event counter with time gate
Combination mode 11: Burst modulation 1
Timer 2 mode 1/2:
12-bit compare counter / 8-bit compare counter and 4-bit prescaler
Timer 2 output mode 1/6: Timer 2 compare match toggles the output flip-flop (M2) to the Timer 3
Timer 3 mode 6:
Carrier frequency burst modulation controlled by Timer 2 output (M2)
The Timer 3 counter is driven by an internal or external clock source. Its compare- and compare mode registers must
be programmed to generate the carrier frequency with the output toggle flip-flop. The output toggle flip-flop (M2) of
Timer 2 is used to enable and disable the Timer 3 output. The Timer 2 can be driven by the toggle output signal of
Timer 3 (TOG3) or any other clock source.
010 1 2 3 450 1 0 1 234 5 0 1 0 12 3 4 5 0 10 1
5 010 1
5 0 1 0 1
5 0 10 1
5 0 1 0 1
5 0 1 0 1
5 0 10 1
5 0 1 0 1
5 0 10 1
5 0 1 0 1
30
1
2
3
3
0
1
3
2
CL3
Counter 3
CM1
CM2
TOG3
M3
Counter 2/2
TOG2
M2
T3O
13880
Figure 82. Burst modulation 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com