Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C893 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # T48C893
Description  The multiple times programmable (MTP) version for the MARC4 ROM types
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C893 Datasheet(HTML) 1 Page - ATMEL Corporation

  T48C893 Datasheet HTML 1Page - ATMEL Corporation T48C893 Datasheet HTML 2Page - ATMEL Corporation T48C893 Datasheet HTML 3Page - ATMEL Corporation T48C893 Datasheet HTML 4Page - ATMEL Corporation T48C893 Datasheet HTML 5Page - ATMEL Corporation T48C893 Datasheet HTML 6Page - ATMEL Corporation T48C893 Datasheet HTML 7Page - ATMEL Corporation T48C893 Datasheet HTML 8Page - ATMEL Corporation T48C893 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 82 page
background image
T48C893
T48C893
Rev. A4, 22-Jan-02
1 (82)
Flash Version for M44C090/890 and M44C092/892
The T48C893 is the multiple times programmable (MTP) version for the MARC4 ROM types M44C090/890,
M44C092/892. The MTP is designed with EEPROM cells so it can be programmed several times. To offer full compati-
bility with each ROM version, the I/O configuration is stored into a separate internal EEPROM block during
programming.The configuration is download to the I/Os with every power-on reset..
Features / Benefits
D 4-Kbyte EEPROM program memory
D EEPROM programmable options
D Read protection for the EEPROM program memory
D 16 bidirectional I/Os
D Up to 7 external / internal interrupt sources
D 8 hardware and software interrupt priorities
D Multifunction timer/counter with prescaler/interval
timer
D Programmable system-clock with prescaler and five
different clock sources
D Wide supply voltage range (1.8 to 6.5 V)
D Very low sleep current (< 1 µA)
D 2 512 bit EEPROM data memory
D 256 4 bit RAM data memory
D Synchronous serial interface (2-wire, I2C, 3-wire)
D Watchdog, POR and brown-out function
D Voltage monitoring incl. Lo_BAT detect
D Multi-chip link for U3280M
Voltage monitor
External input
MARC4
UTCM
OSC1
OSC2
I/O bus
EEPROM
RAM
4-bit CPU core
256 x 4 bit
VDD
VSS
Data direction +
alternate function
Data direction +
interrupt control
Port 4
Port 5
Data dir. +
alt. function
Port 6
Timer 3
Brown-out protect.
RESET
Clock management
Timer 1
watchdog timer
Timer 2
Serial interface
Port 1
T2O
SD
SC
T3O
T3I
BP10
BP13
BP20/NTE
BP21
BP22
BP23
BP40
INT3
SC BP41
VMI
T2I
BP42
T2O BP43
INT3
SD
BP50
INT6
BP51
INT6
BP52
INT1
BP53
INT1
BP60
T3O
BP63
T3I
RC
oscillators
Crystal
oscillators
4 K x 8 bit
VMI
with modulator
SSI
External
clock input
interval- and
8/12-bit timer
8-bit
timer / counter
with modulator
and demodulator
T2I
4 K x 8 bit
EEPROM
2
32
16 bit
Figure 1. Block diagram T48C893


Similar Part No. - T48C893

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T48C862-R3 ATMEL-T48C862-R3 Datasheet
1Mb / 107P
Microcontroller with UHF ASK/FSK Transmitter
T48C862-R4 ATMEL-T48C862-R4 Datasheet
998Kb / 107P
Microcontroller with UHF ASK/FSK Transmitter
T48C862-R8 ATMEL-T48C862-R8 Datasheet
1Mb / 107P
Microcontroller with UHF ASK/FSK Transmitter
T48C862M-R3 ATMEL-T48C862M-R3 Datasheet
1Mb / 107P
Microcontroller with UHF ASK/FSK Transmitter
T48C862M-R3-TNQ ATMEL-T48C862M-R3-TNQ Datasheet
1Mb / 107P
Microcontroller with UHF ASK/FSK Transmitter
More results

Similar Description - T48C893

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS57P0504 SAMSUNG-KS57P0504 Datasheet
1Mb / 282P
The KS57P0504 is the microcontroller which has 4 Kbyte one-time-programmable ROM and the functions are the same to KS57C0502/C0504
logo
ATMEL Corporation
T48C510 ATMEL-T48C510 Datasheet
492Kb / 61P
MARC4 -4-bit MTP Universal Microcontroller
ATAM510 ATMEL-ATAM510 Datasheet
979Kb / 72P
MARC4 4-bit MTP Universal Microcontroller
logo
Maxim Integrated Produc...
MAX9647EVKIT MAXIM-MAX9647EVKIT Datasheet
749Kb / 8P
Accommodates Multiple Configurations for the Comparator
Rev 0; 5/13
logo
Sanken electric
LC5710S SANKEN-LC5710S Datasheet
2Mb / 42P
Operation Types: The following converter types are applicable by the external circuit configuration
logo
Lumileds Lighting Compa...
CS115 LUMILEDS-CS115 Datasheet
2Mb / 4P
The Times Square Ball
logo
PHOENIX CONTACT
2900544 PHOENIX-2900544 Datasheet
158Kb / 6P
The figure shows the 9 A version
2900550 PHOENIX-2900550 Datasheet
168Kb / 6P
The figure shows the 9 A version
2900553 PHOENIX-2900553 Datasheet
168Kb / 6P
The figure shows the 9 A version
2900574 PHOENIX-2900574 Datasheet
164Kb / 6P
The figure shows the 9 A version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com