Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C893 Datasheet(PDF) 55 Page - ATMEL Corporation

Part # T48C893
Description  The multiple times programmable (MTP) version for the MARC4 ROM types
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C893 Datasheet(HTML) 55 Page - ATMEL Corporation

Back Button T48C893 Datasheet HTML 51Page - ATMEL Corporation T48C893 Datasheet HTML 52Page - ATMEL Corporation T48C893 Datasheet HTML 53Page - ATMEL Corporation T48C893 Datasheet HTML 54Page - ATMEL Corporation T48C893 Datasheet HTML 55Page - ATMEL Corporation T48C893 Datasheet HTML 56Page - ATMEL Corporation T48C893 Datasheet HTML 57Page - ATMEL Corporation T48C893 Datasheet HTML 58Page - ATMEL Corporation T48C893 Datasheet HTML 59Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 82 page
background image
T48C893
T48C893
Rev. A4, 22-Jan-02
55 (82)
8-bit Synchronous Mode
SC
SC
DATA
13823
SD/TO2
11
0
101
00
Bit 7
Bit 0
11
0
101
00
Bit 7
Bit 0
Data: 00110101
(rising edge)
(falling edge)
Figure 59. 8-bit synchronous mode
In the 8-bit synchronous mode, the SSI can operate as
either a 2- or 3-wire interface (see SSI peripheral
configuration). The serial data (SD) is received or
transmitted in NRZ format, synchronised to either the
rising or falling edge of the shift clock (SC). The choice
of clock edge is defined by the Serial Mode Control bits
(SM0,SM1). It should be noted that the transmission edge
refers to the SC clock edge with which the SD changes.
To avoid clock skew problems, the incoming serial input
data is shifted in with the opposite edge.
When used together with one of the timer modulator or
demodulator stages, the SSI must be set in the 8-bit
synchronous mode 1.
In RX mode, as soon as the SSI is activated (SIR= 0), 8
shift clocks are generated and the incoming serial data is
shifted into the shift register. This first telegram is
automatically transferred into the receive buffer and the
SRDY set to 0 indicating that the receive buffer contains
valid data. At the same time an interrupt (if enabled) is
generated. The SSI then continues shifting in the
following 8-bit telegram. If, during this time the first
telegram has been read by the controller, the second
telegram will also be transferred in the same way into the
receive buffer and the SSI will continue clocking in the
next telegram. Should, however, the first telegram not
have been read
(SRDY=1), then the SSI will stop,
temporarily holding the second telegram in the shift
register until a certain point of time when the controller
is able to service the receive buffer. In this way no data is
lost or overwritten.
Deactivating the SSI (SIR=1) in mid–telegram will
immediately stop the shift clock and latch the present
contents of the shift register into the receive buffer. This
can be used for clocking in a data telegram of less than 8
bits in length. Care should be taken to read out the final
complete 8-bit data telegram of a multiple word message
before deactivating the SSI (SIR=1) and terminating the
reception. After termination, the shift register contents
will overwrite the receive buffer.
76 5 4 321
0
76543 2107654 321
0
msb
lsb
tx data 1
tx data 2
tx data 3
msb
lsb msb
lsb
Write STB
(tx data 2)
Write STB
(tx data 3)
Write STB
(tx data 1)
SC
SD
SIR
SRDY
Interrupt
(IFN = 0)
Interrupt
(IFN = 1)
ACT
13824
Figure 60. Example of 8-bit synchronous transmit operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com