Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C893 Datasheet(PDF) 72 Page - ATMEL Corporation

Part # T48C893
Description  The multiple times programmable (MTP) version for the MARC4 ROM types
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C893 Datasheet(HTML) 72 Page - ATMEL Corporation

Back Button T48C893 Datasheet HTML 68Page - ATMEL Corporation T48C893 Datasheet HTML 69Page - ATMEL Corporation T48C893 Datasheet HTML 70Page - ATMEL Corporation T48C893 Datasheet HTML 71Page - ATMEL Corporation T48C893 Datasheet HTML 72Page - ATMEL Corporation T48C893 Datasheet HTML 73Page - ATMEL Corporation T48C893 Datasheet HTML 74Page - ATMEL Corporation T48C893 Datasheet HTML 75Page - ATMEL Corporation T48C893 Datasheet HTML 76Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 82 page
background image
T48C893
Rev. A4, 22-Jan-02
72 (82)
5
Data EEPROM
The internal data EEPROM offers two pages of 512 bit
each. Both pages are organized as 32
16 bit words. The
programming voltage as well as write cycle timing is gen-
erated on chip. To be compatible with the ROM parts
M44Cx90/x92 two restrictions have to be taken into ac-
count:
D To use the same EEPROM page as with the ROM parts
the application software has to write the I2C-com-
mand “09h” to the EEPROM. This command has no
effect for the M44Cx90/x92 if it is left inside the
HEX-file for the ROM version.
D Data handling for read and write is performed using
the serial interface MCL.
The page select is performed by either writing “01h”
(page 1) or “09h” (page 0) to the EEPROM
16–bit read/write buffer
Address
control
8–bit data register
EEPROM
2
32
16
HV–generator
Timing control
Mode
control
I/O
control
SCL
V
DD
V
SS
SDA
Page 1
Page 0
––> write “01h”
––> write “09h”
Figure 86. Block diagram EEPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com