Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C893 Datasheet(PDF) 52 Page - ATMEL Corporation

Part # T48C893
Description  The multiple times programmable (MTP) version for the MARC4 ROM types
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C893 Datasheet(HTML) 52 Page - ATMEL Corporation

Back Button T48C893 Datasheet HTML 48Page - ATMEL Corporation T48C893 Datasheet HTML 49Page - ATMEL Corporation T48C893 Datasheet HTML 50Page - ATMEL Corporation T48C893 Datasheet HTML 51Page - ATMEL Corporation T48C893 Datasheet HTML 52Page - ATMEL Corporation T48C893 Datasheet HTML 53Page - ATMEL Corporation T48C893 Datasheet HTML 54Page - ATMEL Corporation T48C893 Datasheet HTML 55Page - ATMEL Corporation T48C893 Datasheet HTML 56Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 82 page
background image
T48C893
Rev. A4, 22-Jan-02
52 (82)
Timer 3 COmpare Register 1 (T3CO1) Byte Write
Address: ’B’hex – Subaddress: ’4’hex
High nibble
T3CO1
Second write cycle
Bit 7
Bit 6
Bit 5
Bit 4
Reset value: 1111b
Low nibble
First write cycle
Bit 3
Bit 2
Bit 1
Bit 0
Reset value: 1111b
Timer 3 COmpare Register 2 (T3CO2) Byte Write
Address: ’B’hex – Subaddress: ’5’hex
High nibble
T3CO2
Second write cycle
Bit 7
Bit 6
Bit 5
Bit 4
Reset value: 1111b
Low nibble
First write cycle
Bit 3
Bit 2
Bit 1
Bit 0
Reset value: 1111b
Timer 3 Capture register
The counter content can be read via the capture register. There are two ways to use the capture register. In modes 1
and 4, it is possible to read the current counter value directly out of the capture register. In the capture modes 2, 3, 5
and 12, a capture event like an edge at the Timer 3 input or a signal from Timer 2 stores the current counter value into
the capture register. This counter value can be read from the capture register.
Timer 3 CaPture Register (T3CP) Byte Read
Address: ’B’hex – Subaddress: ’4’hex
High nibble
T3CP
First read cycle
Bit 7
Bit 6
Bit 5
Bit 4
Reset value: xxxxb
Low nibble
Second read cycle
Bit 3
Bit 2
Bit 1
Bit 0
Reset value: xxxxb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com