Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C893 Datasheet(PDF) 53 Page - ATMEL Corporation

Part # T48C893
Description  The multiple times programmable (MTP) version for the MARC4 ROM types
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C893 Datasheet(HTML) 53 Page - ATMEL Corporation

Back Button T48C893 Datasheet HTML 49Page - ATMEL Corporation T48C893 Datasheet HTML 50Page - ATMEL Corporation T48C893 Datasheet HTML 51Page - ATMEL Corporation T48C893 Datasheet HTML 52Page - ATMEL Corporation T48C893 Datasheet HTML 53Page - ATMEL Corporation T48C893 Datasheet HTML 54Page - ATMEL Corporation T48C893 Datasheet HTML 55Page - ATMEL Corporation T48C893 Datasheet HTML 56Page - ATMEL Corporation T48C893 Datasheet HTML 57Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 82 page
background image
T48C893
T48C893
Rev. A4, 22-Jan-02
53 (82)
4.3.4
Synchronous Serial Interface (SSI)
SSI Features:
2- and 3-wire NRZ
2-wire mode (I2C compatible)
(additional internal 2-wire link for multi-chip
packaging solutions)
D With Timer 2:
Biphase modulation
Manchester modulation
Pulse-width demodulation
Burst modulation
D With Timer 3:
Pulse-width modulation (PWM)
FSK modulation
Biphase demodulation
Manchester demodulation
Pulse-width demodulation
Pulse position Demodulation
SSI Peripheral Configuration
The synchronous serial interface (SSI) can be used either
for serial communication with external devices such as
EEPROMs,
shift
registers,
display
drivers,
other
microcontrollers, or as a means for generating and
capturing on-chip serial streams of data. External data
communication takes place via the Port 4 (BP4)
multi-functional port which can be software configured
by writing the appropriate control word into the P4CR
register. The SSI can be configured in any one of the
following ways:
a)
2-wire external interface for bidirectional data
communication with one data terminal and one shift
clock. The SSI uses the Port BP43 as a bidirectional serial
data line (SD) and BP40 as shift clock line (SC).
b)
3-wire external interface for simultaneous input
and output of serial data, with a serial input data terminal
(SI), a serial output data terminal (SO) and a shift clock
(SC). The SSI uses BP40 as shift clock (SC), while the
serial data input (SI) is applied to BP43 (configured in
P4CR as input!). Serial output data (SO) in this case is
passed through to BP42 (configured in P4CR to T2O) via
the Timer 2 output stage (T2M2 configured in mode 6).
c)
Timer/SSI combined modes – the SSI used
together with Timer 2 or Timer 3 is capable of performing
a variety of data modulation and demodulation functions
(see Timer Section). The modulating data is converted by
the SSI into a continuous serial stream of data which is in
turn modulated in one of the timer functional blocks.
Serial demodulated data can be serially captured in the
SSI and read by the controller. In the Timer 3 modes 10
and 11 (demodulation modes) the SSI can only be used as
demodulator.
d)
Multi-chip link (MCL) – the SSI can also be used
as an interchip data interface for use in single package
multi–chip modules or hybrids. For such applications, the
SSI is provided with two dedicated pads (MCL_SD and
MCL_SC) which act as a two-wire chip-to-chip link. The
MCL can be activated by the MCL control bit. Should
these MCL pads be used by the SSI, the standard SD and
SC pins are not required and the corresponding Port 4
ports are available as conventional data ports.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com