Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C893 Datasheet(PDF) 47 Page - ATMEL Corporation

Part # T48C893
Description  The multiple times programmable (MTP) version for the MARC4 ROM types
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C893 Datasheet(HTML) 47 Page - ATMEL Corporation

Back Button T48C893 Datasheet HTML 43Page - ATMEL Corporation T48C893 Datasheet HTML 44Page - ATMEL Corporation T48C893 Datasheet HTML 45Page - ATMEL Corporation T48C893 Datasheet HTML 46Page - ATMEL Corporation T48C893 Datasheet HTML 47Page - ATMEL Corporation T48C893 Datasheet HTML 48Page - ATMEL Corporation T48C893 Datasheet HTML 49Page - ATMEL Corporation T48C893 Datasheet HTML 50Page - ATMEL Corporation T48C893 Datasheet HTML 51Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 82 page
background image
T48C893
T48C893
Rev. A4, 22-Jan-02
47 (82)
Timer 3 – Mode 10: Manchester demodulation / pulse-width demodulation
For Manchester demodulation, the edge detection stage must be programmed to detect each edge at the input. These
edges are evaluated by the demodulator stage. The timer stage is used to generate the shift clock for the SSI. The
compare register 1 match event defines the correct moment for shifting the state from the input T3I as the decoded bit
into shift register – after that the demodulator waits for the next edge to synchronize the timer by a reset for the next
bit. The compare register 2 can also be used to detect a time-out error and handle it with an interrupt routine (see also
combination mode 8).
10111
00
11
0
11
BIT 0
BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
Synchronize
Manchester demodulation mode
Timer 3
mode
T3EX
SI
SR–DATA
13817
T3I
CM31=SCI
10
011
0
Figure 53. Manchester demodulation
Timer 3 – Mode 11: Biphase demodulation
In the Biphase demodulation mode, the timer operates like in Manchester demodulation mode. The difference is that
the bits are decoded via a toggle flip-flop. This flip-flop samples the edge in the middle of the bitframe and the compare
register 1 match event shifts the toggle flip-flop output into shift register (see also combined mode 9).
01
1
1
1
01
BIT 0
BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
Synchronize
Biphase demodulation mode
Timer 3
mode
T3EX
Q1=SI
CM31=SCI
SR–DATA
13818
00
0
0
T3I
Reset
Counter 3
10101
0
Figure 54. Biphase demodulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com