Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C893 Datasheet(PDF) 39 Page - ATMEL Corporation

Part # T48C893
Description  The multiple times programmable (MTP) version for the MARC4 ROM types
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C893 Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button T48C893 Datasheet HTML 35Page - ATMEL Corporation T48C893 Datasheet HTML 36Page - ATMEL Corporation T48C893 Datasheet HTML 37Page - ATMEL Corporation T48C893 Datasheet HTML 38Page - ATMEL Corporation T48C893 Datasheet HTML 39Page - ATMEL Corporation T48C893 Datasheet HTML 40Page - ATMEL Corporation T48C893 Datasheet HTML 41Page - ATMEL Corporation T48C893 Datasheet HTML 42Page - ATMEL Corporation T48C893 Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 82 page
background image
T48C893
T48C893
Rev. A4, 22-Jan-02
39 (82)
Timer 2 Mode Register 1 (T2M1)
Address: ’7’hex – Subaddress: ’1’hex
Bit 3
Bit 2
Bit 1
Bit 0
T2M1
T2D1
T2D0
T2MS1
T2MS0
Reset value: 1111b
T2D1
Timer 2 Duty cycle bit 1
T2D0
Timer 2 Duty cycle bit 0
T2D1
T2D0
Function of Duty Cycle Generator (DCG)
Additional Divider Effect
1
1
Bypassed (DCGO0)
/ 1
1
0
Duty cycle 1/1 (DCGO1)
/ 2
0
1
Duty cycle 1/2 (DCGO2)
/ 3
0
0
Duty cycle 1/3 (DCGO3)
/ 4
T2MS1
Timer 2 Mode Select bit 1
T2MS0
Timer 2 Mode Select bit 0
Mode
T2MS1
T2MS0
Clock Output (POUT)
Timer 2 Modes
1
1
1
4-bit counter overflow (OVF1)
12-bit compare counter; the DCG
has to be bypassed in this mode
2
1
0
4-bit compare output (CM1)
8-bit compare counter with 4-bit
programmable prescaler and duty
cycle generator
3
0
1
4-bit compare output (CM1)
8-bit compare counter clocked by
SYSCL or the external clock input
T2I, 4-bit prescaler run, the
counter 2/1 starts after writing
mode 3
4
0
0
4-bit compare output (CM1)
8-bit compare counter clocked by
SYSCL or the external clock input
T2I, 4-bit prescaler stop and resets
Duty Cycle Generator
The duty cycle generator generates duty cycles from 25%, 33% or 50%. The frequency at the duty cycle generator
output depends on the duty cycle and the Timer 2 prescaler setting. The DCG-stage can also be used as additional
programmable prescaler for Timer 2.
DCGIN
DCGO0
DCGO1
DCGO2
DCGO3
13807
Figure 43. DCG output signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com